Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7553 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7553
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7553 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7553_14 Datasheet HTML 1Page - Texas Instruments DAC7553_14 Datasheet HTML 2Page - Texas Instruments DAC7553_14 Datasheet HTML 3Page - Texas Instruments DAC7553_14 Datasheet HTML 4Page - Texas Instruments DAC7553_14 Datasheet HTML 5Page - Texas Instruments DAC7553_14 Datasheet HTML 6Page - Texas Instruments DAC7553_14 Datasheet HTML 7Page - Texas Instruments DAC7553_14 Datasheet HTML 8Page - Texas Instruments DAC7553_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
3 mm x 3 mm
Actual Size
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
_
+
Interface
Logic
Input
Register
DAC
Register
String
DAC A
Power-Down
Logic
Power-On
Reset
VDD
IOVDD
VREFA
VFBA
VOUT A
VREFB
GND
CLR
DCEN
SDIN
SYNC
SCLK
_
+
Input
Register
DAC
Register
String
DAC B
VFBB
VOUT B
PD
SDO
FUNCTIONAL BLOCK DIAGRAM
DAC7553
DAC7553
SLAS477 – SEPTEMBER 2005
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
•
2.7-V to 5.5-V Single Supply
The
DAC7553
is
a
12-bit,
dual-channel,
voltage-output DAC with exceptional linearity and
•
12-Bit Linearity and Monotonicity
monotonicity. Its proprietary architecture minimizes
•
Rail-to-Rail Voltage Output
undesired transients such as code-to-code glitch and
•
Settling Time: 5 µs (Max)
channel-to-channel
crosstalk.
The
low-power
•
Ultralow Glitch Energy: 0.1 nVs
DAC7553 operates from a single 2.7-V to 5.5-V
supply. The DAC7553 output amplifiers can drive a
•
Ultralow Crosstalk: –100 dB
2-k
Ω, 200-pF load rail-to-rail with 5-µs settling time;
•
Low Power: 440 µA (Max)
the output range is set using an external voltage
•
Per-Channel Power Down: 2 µA (Max)
reference.
•
Power-On Reset to Midscale
The 3-wire serial interface operates at clock rates up
•
2s Complement Input Data Format
to 50 MHz and is compatible with SPI, QSPI,
Microwire™, and DSP interface standards. The
•
SPI-Compatible Serial Interface: Up to 50 MHz
outputs of all DACs may be updated simultaneously
•
Daisy-Chain Capability
or
sequentially.
The
parts
incorporate
a
•
Asynchronous Hardware Clear
power-on-reset circuit to ensure that the DAC outputs
power up at midscale and remain there until a valid
•
Simultaneous or Sequential Update
write cycle to the device takes place. The parts
•
Specified Temperature Range: –40°C to 105°C
contain a power-down feature that reduces the
•
Small 3-mm × 3-mm, 16-Lead QFN Package
current consumption of the device to under 2 µA.
The small size and low-power operation makes the
DAC7553 ideally suited for battery-operated portable
•
Portable Battery-Powered Instruments
applications. The power consumption is typically
•
Digital Gain and Offset Adjustment
1.5 mW at 5 V, 0.75 mW at 3 V, and reduces to 1 µW
in power-down mode.
•
Programmable Voltage and Current Sources
•
Programmable Attenuators
The DAC7553 is available in a 16-lead QFN package
and is specified over –40°C to 105°C.
•
Industrial Process Control
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Microwire is a trademark of National Semiconductor Corp..
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7553_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7553IRGTR TI-DAC7553IRGTR Datasheet
774Kb / 20P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553IRGTR TI2-DAC7553IRGTR Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
SEPTEMBER 2005
DAC7553IRGTR.A TI2-DAC7553IRGTR.A Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
SEPTEMBER 2005
DAC7553IRGTT TI-DAC7553IRGTT Datasheet
774Kb / 20P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553IRGTT TI2-DAC7553IRGTT Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
SEPTEMBER 2005
More results

Similar Description - DAC7553_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com