Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC2G66
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G66 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC2G66 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
9397 750 13259
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2004
10 of 22
Philips Semiconductors
74LVC2G66
Bilateral switch
12. Dynamic characteristics
Table 10:
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); test circuit Figure 16.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPHL, tPLH
propagation delay nY to nZ
or nZ to nY
see Figure 14
VCC = 1.65 V to 1.95 V
-
0.8
2
ns
VCC = 2.3 V to 2.7 V
-
0.4
1.2
ns
VCC = 2.7 V
-
0.4
1
ns
VCC = 3.0 V to 3.6 V
-
0.3
0.8
ns
VCC = 4.5 V to 5.5 V
-
0.2
0.6
ns
tPZH, tPZL
turn-on time nE to VOS
see Figure 15
VCC = 1.65 V to 1.95 V
1.0
4.6
10
ns
VCC = 2.3 V to 2.7 V
1.0
2.7
5.6
ns
VCC = 2.7 V
1.0
2.7
5.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.4
4.4
ns
VCC = 4.5 V to 5.5 V
1.0
1.8
3.9
ns
tPHZ, tPLZ
turn-off time nE to VOS
see Figure 15
VCC = 1.65 V to 1.95 V
1.0
3.8
9.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.1
5.5
ns
VCC = 2.7 V
1.0
3.5
6.5
ns
VCC = 3.0 V to 3.6 V
1.0
3.0
6.0
ns
VCC = 4.5 V to V 5.5 V
1.0
2.2
5.0
ns
CPD
power dissipation
capacitance
fi =10MHz
[2] [3]
VCC = 2.5 V
-
9.0
-
pF
VCC = 3.3 V
-
11.0
-
pF
VCC = 5.0 V
-
15.7
-
pF
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay nY to nZ
or nZ to nY
see Figure 14
VCC = 1.65 V to 1.95 V
-
-
3.0
ns
VCC = 2.3 V to 2.7 V
-
-
2.0
ns
VCC = 2.7 V
-
-
1.5
ns
VCC = 3.0 V to 3.6 V
-
-
1.5
ns
VCC = 4.5 V to 5.5 V
-
-
1.0
ns
tPZH, tPZL
turn-on time nE to VOS
see Figure 15
VCC = 1.65 V to 1.95 V
1.0
-
13.0
ns
VCC = 2.3 V to 2.7 V
1.0
-
7.5
ns
VCC = 2.7 V
1.0
-
6.5
ns
VCC = 3.0 V to 3.6 V
1.0
-
6.0
ns
VCC = 4.5 V to 5.5 V
1.0
-
5.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com