Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G66
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G66 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G66 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
9397 750 13259
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2004
3 of 22
Philips Semiconductors
74LVC2G66
Bilateral switch
6.
Functional diagram
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 1.
Logic symbol.
Fig 2.
IEC logic symbol.
Fig 3.
Logic diagram (one switch).
001aaa530
2Y
2E
2Z
1Z
1Y
1E
001aaa531
2
1
1
X1
1
1
X1
7#
#
1
6
3
5
001aaa532
Y
VCC
Z
E
Fig 4.
Pin configuration.
66
1Z
VCC
1Y
1E
2E
2Y
GND
2Z
001aaa529
1
2
3
4
6
5
8
7
Table 4:
Pin description
Symbol
Pin
Description
1Y
1
independent input or output
1Z
2
independent input or output
2E
3
enable input (active HIGH)
GND
4
ground (0 V)
2Y
5
independent input or output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com