Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC2G66DP
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G66DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2G66DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 9Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 10Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
9397 750 13259
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2004
7 of 22
Philips Semiconductors
74LVC2G66
Bilateral switch
[1]
These typical values are measured at Tamb =25 °C and nominal VCC.
[2]
These typical values are measured at Tamb = −40 °C to +85 °C and nominal VCC.
RON(rail)
switch ON-state
resistance (rail)
VS = GND; VI =VIH
[1]
IS = 4 mA; VCC = 1.65 V to 1.95 V
-
10
30
Ω
IS = 8 mA; VCC = 2.3 V to 2.7 V
-
8.5
20
Ω
IS = 12 mA; VCC = 2.7 V
-
7.5
18
Ω
IS = 24 mA; VCC = 3.0 V to 3.6 V
-
6.5
15
Ω
IS = 32 mA; VCC = 4.5 V to 5.5 V
-
6
10
Ω
VS =VCC; VI =VIH
IS = 4 mA; VCC = 1.65 to 1.95 V
-
12
30
Ω
IS = 8 mA; VCC = 2.3 V to 2.7 V
-
8.5
20
Ω
IS = 12 mA; VCC = 2.7 V
-
7.5
18
Ω
IS = 24 mA; VCC = 3.0 V to 3.6 V
-
6.5
15
Ω
IS = 32 mA; VCC = 4.5 V to 5.5 V
-
6
10
Ω
RON(flat)
switch ON-state
resistance (flatness)
VS = GND to VCC; VI =VIH;
see Figure 9 to Figure 13
[2]
IS = 4 mA; VCC = 1.65 V to 1.95 V
-
100
-
Ω
IS = 8 mA; VCC = 2.3 V to 2.7 V
-
17
-
Ω
IS = 12 mA; VCC = 2.7 V
-
10
-
Ω
IS = 24 mA; VCC = 3.0 V to 3.6 V
-
5
-
Ω
IS = 32 mA; VCC = 4.5 V to 5.5 V
-
3
-
Ω
Tamb = −40 °C to +125 °C
RON(peak) switch ON-state
resistance (peak)
VS = GND to VCC; VI =VIH
IS = 4 mA; VCC = 1.65 V to 1.95 V
-
-
150
Ω
IS = 8 mA; VCC = 2.3 V to 2.7 V
-
-
45
Ω
IS = 12 mA; VCC = 2.7 V
-
-
38
Ω
IS = 24 mA; VCC = 3.0 V to 3.6 V
-
-
30
Ω
IS = 32 mA; VCC = 4.5 V to 5.5 V
-
-
23
Ω
RON(rail)
switch ON-state
resistance (rail)
VS = GND; VI =VIH
IS = 4 mA; VCC = 1.65 V to 1.95 V
-
-
45
Ω
IS = 8 mA; VCC = 2.3 V to 2.7 V
-
-
30
Ω
IS = 12 mA; VCC = 2.7 V
-
-
27
Ω
IS = 24 mA; VCC = 3.0 V to 3.6 V
-
-
23
Ω
IS = 32 mA; VCC = 4.5 V to 5.5 V
-
-
15
Ω
VS =VCC; VI =VIH
IS = 4 mA; VCC = 1.65 V to 1.95 V
-
-
45
Ω
IS = 8 mA; VCC = 2.3 V to 2.7 V
-
-
30
Ω
IS = 12 mA; VCC = 2.7 V
-
-
27
Ω
IS = 24 mA; VCC = 3.0 V to 3.6 V
-
-
23
Ω
IS = 32 mA; VCC = 4.5 V to 5.5 V
-
-
15
Ω
Table 9:
Resistance RON …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com