Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G66DP
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G66DP Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G66DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74LVC2G66 is a high-performance, low-power, low-voltage, Si-gate CMOS device.
The 74LVC2G66 provides two analog switches. Each switch has a input and output (pins
Y and Z) and an active HIGH enable input (pin E). When pin E is LOW, the analog switch
is turned off.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s Very low ON-resistance:
x 7.5
Ω (typical) at V
CC = 2.7 V
x 6.5
Ω (typical) at V
CC = 3.3 V
x 6
Ω (typical) at V
CC =5V.
s High noise immunity
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8-B/JESD36 (2.7 V to 3.6 V).
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s CMOS low-power consumption
s Latch-up performance meets requirements of JESD78 Class I
s Direct interface with TTL levels
s Enable inputs accept voltages up to 5 V
s SOT505-2 and SOT765-1 package
s Specified from
−40 °C to +85 °C and −40 °C to +125 °C.
3.
Quick reference data
74LVC2G66
Bilateral switch
Rev. 01 — 29 June 2004
Product data sheet
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Symbol
Parameter
Conditions
Min Typ
Max Unit
tPZH, tPZL turn-on time nE to VOS
CL = 50 pF; RL = 500 Ω
VCC = 3 V
-
2.4
-
ns
VCC = 5 V
-
1.8
-
ns


Similar Part No. - 74LVC2G66DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G66DP NXP-74LVC2G66DP Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66DP NXP-74LVC2G66DP Datasheet
147Kb / 24P
Bilateral switch
Rev. 04-1 July 2008
74LVC2G66DP NXP-74LVC2G66DP Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC2G66DP NEXPERIA-74LVC2G66DP Datasheet
326Kb / 22P
Bilateral switch
Rev. 13 - 9 September 2022
74LVC2G66DP-Q100 NEXPERIA-74LVC2G66DP-Q100 Datasheet
287Kb / 20P
Bilateral switch
More results

Similar Description - 74LVC2G66DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
BILATERAL SWITCH
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com