Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT297 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT297
Description  DIGITAL PHASE-LOCKED LOOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74ACT297 Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT297 Datasheet HTML 1Page - Texas Instruments CD74ACT297 Datasheet HTML 2Page - Texas Instruments CD74ACT297 Datasheet HTML 3Page - Texas Instruments CD74ACT297 Datasheet HTML 4Page - Texas Instruments CD74ACT297 Datasheet HTML 5Page - Texas Instruments CD74ACT297 Datasheet HTML 6Page - Texas Instruments CD74ACT297 Datasheet HTML 7Page - Texas Instruments CD74ACT297 Datasheet HTML 8Page - Texas Instruments CD74ACT297 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CD74ACT297
DIGITAL PHASE-LOCKED LOOP
SCHS297D – AUGUST 1998 – REVISED JUNE 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
D/U
To Mode Controls 12–2 (11 stages not shown)
21
15
14
4
63
5
9
10
13
7
8
9
10
11
12
13
14
0
1
2
4
8
2
1
A
B
C
D
4
6
3
5
K CLK
ENCTR
I/D CLK
I/D OUT
Power-Up Reset
l = 1
C20
20D
XORPD OUT
ECPD OUT
R
14D
14T
M14
13D
M13
1T
Increment
R
R
R
R
R
TT
T
1T
T
13T
13T
20D
C20
T
T
14D
14T
M13
13D
RR
R
R
M14
R
R
I/D Circuit
Decrement
7
11
12
R
R
SS
C21
C21
C21
C21
C21
C21
C21
C21
C21
21D
21D
21D
21D
21D
21D
21D
21D
Exclusive-OR Phase Detector
Edge-Controlled Phase Detector
φA1
φB
φA2
1
X/Y
K Counter
21J
21K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com