Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT297 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT297
Description  DIGITAL PHASE-LOCKED LOOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74ACT297 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74ACT297 Datasheet HTML 3Page - Texas Instruments CD74ACT297 Datasheet HTML 4Page - Texas Instruments CD74ACT297 Datasheet HTML 5Page - Texas Instruments CD74ACT297 Datasheet HTML 6Page - Texas Instruments CD74ACT297 Datasheet HTML 7Page - Texas Instruments CD74ACT297 Datasheet HTML 8Page - Texas Instruments CD74ACT297 Datasheet HTML 9Page - Texas Instruments CD74ACT297 Datasheet HTML 10Page - Texas Instruments CD74ACT297 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CD74ACT297
DIGITAL PHASE-LOCKED LOOP
SCHS297D – AUGUST 1998 – REVISED JUNE 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
MIN
MAX
UNIT
IO = –50 µA
4.5 V
4.4
4.4
VOH
VI = VIH or VIL
IO = –24 mA
4.5 V
3.4
3.1
V
IO = –75 mA
5.5 V
3.3
IO = 50 µA
4.5 V
0.1
0.1
VOL
VI =VIH or VIL
IO = 24 mA
4.5 V
0.9
1.1
V
IO = 75 mA†
5.5 V
2.9
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC (MSI)
VI = VCC or GND
5.5 V
8
80
mA
ICC (SSI/FF)
VI = VCC or GND
5.5 V
4
40
mA
DICC
VI = VCC –2.1 V
4.5 V to 5.5 V
2.4
2.8
mA
† Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to minimize power
dissipation. Test verifies a minimum 50-
Ω transmission-line drive capability at 85°C.
ACT INPUT LOAD
INPUT
UNIT
LOAD†
ENCTR, D/U
0.1
A, B, C, D, K CLK,
φA2
0.2
I/D CLK,
φA1, φB
0.5
† Unit Load is
∆ICC limit specified in
electrical characteristics table (e.g.,
2.4 mA at 25
°C).
timing requirements over recommended supply-voltage range and recommended operating
free-air temperature range (unless otherwise noted)
PARAMETER
TA = 25°C
MIN
MAX
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
f lk
Clock frequency
K CLK
55
45
MHz
fclock
Clock frequency
I/D CLK
40
35
MHz
t
Pulse duration
K CLK
6
8
ns
tw
Pulse duration
I/D CLK
7
9
ns
t
Setup time before K CLK
↑
D/U
13
17
ns
tsu
Setup time before K CLK
↑
ENCTR
12
16
ns
th
Hold time after K CLK
↑
D/U
3
7
ns
th
Hold time after K CLK
↑
ENCTR
2
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com