Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130MT140KB Datasheet(PDF) 5 Page - International Rectifier

Part # 130MT140KB
Description  THREE PHASE BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

130MT140KB Datasheet(HTML) 5 Page - International Rectifier

  130MT140KB Datasheet HTML 1Page - International Rectifier 130MT140KB Datasheet HTML 2Page - International Rectifier 130MT140KB Datasheet HTML 3Page - International Rectifier 130MT140KB Datasheet HTML 4Page - International Rectifier 130MT140KB Datasheet HTML 5Page - International Rectifier 130MT140KB Datasheet HTML 6Page - International Rectifier 130MT140KB Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
130-160MT..KB Series
Bulletin I27502 rev. A 05/03
www.irf.com
5
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 6 - Current Ratings Characteristics
1
10
100
1000
01
2
3
4
5
T= 25°C
J
Instantaneous Forward Voltage (V)
160MT..KB Series
Per Junction
T = 150°C
J
50
60
70
80
90
100
110
120
130
140
150
0
40
80
120
160
200
240
Total Output Current (A)
120°
(Rect)
160MT..KB Series
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
0.1
2
K/W
0.2
K/W
0.3
K/W
0.5
K/W
0.7 K
/W
1.5 K/W
0
50
100
150
200
250
300
350
400
450
500
0
20406080
100 120 140 160
Total Output Current (A)
120°
(Rect)
130MT..KB Series
T= 150°C
J
200
300
400
500
600
700
800
900
1000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@ 60Hz 0.0083s
@ 50Hz 0.0100s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
130MT..KB Series
200
300
400
500
600
700
800
900
1000
1100
1200
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
130MT..KB Series
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com