Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130MT140KB Datasheet(PDF) 1 Page - International Rectifier

Part # 130MT140KB
Description  THREE PHASE BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

130MT140KB Datasheet(HTML) 1 Page - International Rectifier

  130MT140KB Datasheet HTML 1Page - International Rectifier 130MT140KB Datasheet HTML 2Page - International Rectifier 130MT140KB Datasheet HTML 3Page - International Rectifier 130MT140KB Datasheet HTML 4Page - International Rectifier 130MT140KB Datasheet HTML 5Page - International Rectifier 130MT140KB Datasheet HTML 6Page - International Rectifier 130MT140KB Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Major Ratings and Characteristics
Parameters
130MT.KB
160MT.KB
Units
I
O
130 (160)
160 (200)
A
@ T
C
85 (62)
85 (60)
°C
I
FSM
@ 50Hz
1130
1430
A
@ 60Hz
1180
1500
A
I
2t
@ 50Hz
6400
10200
A
2s
@ 60Hz
5800
9300
A
2s
I
2√t
64000
102000
A
2√s
V
RRM
range
800 to 1600
V
TSTG
range
- 40 to 150
°C
T
J
range
- 40 to 150
°C
Features
Package fully compatible with the industry standard INT-A-
pak power modules series
High thermal conductivity package, electrically insulated case
Outstanding number of power encapsulated components
Excellent power volume ratio, outline for easy connections to
power transistor and IGBT modules
4000 V
RMS
isolating voltage
UL E78996 approved
Description
A range of extremely compact, encapsulated three phase
bridge rectifiers offering efficient and reliable operation.
They are intended for use in general purpose and heavy
duty applications.
www.irf.com
130 A
160 A
THREE PHASE BRIDGE
Bulletin I27502 rev. A 05/03
1
MT..KB SERIES
Power Modules


Similar Part No. - 130MT140KB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
130MT140KPBF VISHAY-130MT140KPBF Datasheet
133Kb / 6P
Three Phase Bridge, 130/160 A (Power Modules)
29-Apr-08
More results

Similar Description - 130MT140KB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
THREE PHASE BRIDGE
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
THREE PHASE BRIDGE
MTP3-PHASE IRF-MTP3-PHASE Datasheet
129Kb / 8P
THREE PHASE BRIDGE
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
Three Phase Bridge
09-Apr-15
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
Three Phase Bridge
27-Feb-14
VS-100MT160PBPBF VISHAY-VS-100MT160PBPBF Datasheet
130Kb / 8P
Three Phase Bridge
16-Jul-14
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
Three Phase Bridge
03-Mar-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com