Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7744EC/1K Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7744EC/1K
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7744EC/1K Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC7744EC/1K Datasheet HTML 17Page - Texas Instruments DAC7744EC/1K Datasheet HTML 18Page - Texas Instruments DAC7744EC/1K Datasheet HTML 19Page - Texas Instruments DAC7744EC/1K Datasheet HTML 20Page - Texas Instruments DAC7744EC/1K Datasheet HTML 21Page - Texas Instruments DAC7744EC/1K Datasheet HTML 22Page - Texas Instruments DAC7744EC/1K Datasheet HTML 23Page - Texas Instruments DAC7744EC/1K Datasheet HTML 24Page - Texas Instruments DAC7744EC/1K Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
®
DAC7744
DIGITAL INTERFACE
Table I shows the basic control logic for the DAC7744. Note
that each DAC register is edge triggered and not level
triggered. When the LOADDACS signal is transitioned to
HIGH, the digital word currently in the DAC register is
latched. The first set of registers (the input registers) are
triggered via the A0, A1, R/W, and CS inputs. Only one of
these registers is transparent at any given time.
The double-buffered architecture is designed mainly so that
each DAC input register can be written to at any time and
then all DAC voltages updated simultaneously by the rising
edge of LOADDACS. It also allows a DAC input register to
be written to at any point then the DAC output voltages can
be synchronously changed via a trigger signal connected to
LOADDACS.
DIGITAL TIMING
Figure 11 and Table II provide detailed timing for the digital
interface of the DAC7744.
DIGITAL INPUT CODING
The DAC7744 input data is in Straight Binary format. The
output voltage is given by Equation 1.
where N is the digital input code. This equation does not
include the effects of offset (zero scale) or gain (full scale)
errors.
INPUT
DAC
A1
A0
R/W
CS
RST
RSTSEL LOADDACS
REGISTER
REGISTER
MODE
DAC
LLLL
X
X
X
Write
Hold
Write Input
A
L
H
L
L
X
X
X
Write
Hold
Write Input
B
H
L
L
L
X
X
X
Write
Hold
Write Input
C
H
H
L
L
X
X
X
Write
Hold
Write Input
D
L
L
H
L
X
X
X
Read
Hold
Read Input
A
L
H
H
L
X
X
X
Read
Hold
Read Input
B
H
L
H
L
X
X
X
Read
Hold
Read Input
C
H
H
H
L
X
X
X
Read
Hold
Read Input
D
XXX
H
X
X
↑
Hold
Write
Update
All
X
X
X
H
X
X
H
Hold
Hold
Hold
All
XXXX
↑
L
X
Reset to Zero
Reset to Zero
All
XXXX
↑
H
X
Reset to Midscale
Reset to Midscale
All
TABLE I. DAC7744 Logic Truth Table.
DIGITALLY-PROGRAMMABLE
CURRENT SOURCE
The DAC7744 offers a unique set of features that allows a
wide range of flexibility in designing applications circuits
such as programmable current sources. The DAC7744 offers
both a differential reference input as well as an open-loop
configuration around the output amplifier. The open-loop
configuration around the output amplifier allows transistor
to be placed within the loop to implement a digitally-
programmable, uni-directional current source. The availabil-
ity of a differential reference also allows programmability
for both the full-scale and zero-scale currents. The output
current is calculated as:
Figure 12 shows a DAC7744 in a 4-to-20mA current output
configuration. The output current can be determined by
Equation 3:
At full scale, the output current is 16mA plus the 4mA for
the zero current. At zero scale, the output current is the offset
current of 4mA (1V/250
Ω).
(1)
VV
L
VH
V
L
N
OUT
REF
REF
REF
=+ ()
–•
,
65 536
(3)
I
VV
N
V
OUT =




+ 
51
250
65 536
1
250
–
•
,
ΩΩ
(2)
I
VH
V
L
R
N
VL R
OUT
REF
REF
SENSE
REF
SENSE
=






+
()
–
•
,
/
65 536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com