Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7744EC/1K Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7744EC/1K
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7744EC/1K Datasheet(HTML) 3 Page - Texas Instruments

  DAC7744EC/1K Datasheet HTML 1Page - Texas Instruments DAC7744EC/1K Datasheet HTML 2Page - Texas Instruments DAC7744EC/1K Datasheet HTML 3Page - Texas Instruments DAC7744EC/1K Datasheet HTML 4Page - Texas Instruments DAC7744EC/1K Datasheet HTML 5Page - Texas Instruments DAC7744EC/1K Datasheet HTML 6Page - Texas Instruments DAC7744EC/1K Datasheet HTML 7Page - Texas Instruments DAC7744EC/1K Datasheet HTML 8Page - Texas Instruments DAC7744EC/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
®
DAC7744
DAC7744E
DAC7744EB
DAC7744EC
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
T = 25
°C
±3
T
±2
LSB
TMIN to TMAX
±4
T
±3
LSB
Linearity Match
±4
T
±2
LSB
Differential Linearity Error
T = 25
°C
±3
±2
±1
LSB
TMIN to TMAX
±3
±2
±1
LSB
Monotonicity, TMIN to TMAX
14
15
16
Bits
Unipolar Zero
T = 25
°C
±0.01
±0.025
TT
% of FSR
Unipolar Zero Error, TMIN to TMAX
±0.05
TT
% of FSR
Full-Scale Error
T = 25
°C
±0.025
TT
% of FSR
Full-Scale Error, TMIN to TMAX
±0.05
TT
% of FSR
Unipolar Zero Matching
Channel-to-Channel
±0.024
TT
% of FSR
Matching
Full-Scale Matching
Channel-to-Channel
±0.024
TT
% of FSR
Matching
Power Supply Rejection Ratio (PSRR)
At Full Scale
25
TT
ppm/V
ANALOG OUTPUT
Voltage Output
VREFL = 0V, VSS = 0V
0
VREFH
TT
T
T
V
R = 10k
Ω
Output Current
±5
TT
mA
Maximum Load Capacitance
500
TT
pF
Short-Circuit Current
±20
TT
mA
Short-Circuit Duration
To VSS, VCC or GND
Indefinite
TT
REFERENCE INPUT
Ref High Input Voltage Range
VREFL + 1.25
+10
TT
T
T
V
Ref Low Input Voltage Range
0
VREFH – 1.25
TT
T
T
V
Ref High Input Current
–0.3
1.0
TT
mA
Ref Low Input Current
–1.5
–0.3
TT
mA
DYNAMIC PERFORMANCE
Settling Time
To
±0.003%, 10V
8
10
TT
T
T
µs
Output Step
Channel-to-Channel Crosstalk
See Figure 6
0.5
TT
LSB
Digital Feedthrough
2
TT
nV-s
Output Noise Voltage
f = 10kHz
60
TT
nV/
√Hz
DIGITAL INPUT
VIH
0.7 • VDD
VDD
TT
V
VIL
0
0.3 • VDD
T
V
IIH
±10
T
µA
IIL
±10
T
µA
DIGITAL OUTPUT
VOH
IOH = –0.8mA
3.6
4.5
TT
TT
V
VOL
IOL = 1.6mA
0.3
0.4
TT
T
T
V
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
TT
TTT
T
V
VCC
+14.25
+15.0
+15.75
TT
TTT
T
V
VSS
0
TT
V
IDD
50
TT
µA
ICC
3.5
TT
mA
Power
50
70
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
T
T
°C
T Specifications same as grade to the left.
NOTE: (1) If VSS = 0V, the specification applies at code 0021H and above, due to possible negative zero scale error.
SPECIFICATIONS (Single Supply)
At TA = TMIN to TMAX, VCC = +15V, VDD = +5V, VSS = GND, VREFH = +10V, and VREFL = +50mV, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com