Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7634EB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EB Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC7634EB Datasheet HTML 17Page - Texas Instruments DAC7634EB Datasheet HTML 18Page - Texas Instruments DAC7634EB Datasheet HTML 19Page - Texas Instruments DAC7634EB Datasheet HTML 20Page - Texas Instruments DAC7634EB Datasheet HTML 21Page - Texas Instruments DAC7634EB Datasheet HTML 22Page - Texas Instruments DAC7634EB Datasheet HTML 23Page - Texas Instruments DAC7634EB Datasheet HTML 24Page - Texas Instruments DAC7634EB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
+V
1000pF
2200pF
100
Ω
+2.5V
OPA2350
+V
V
OUT
V
OUTA Sense
V
OUTA
AGND
V
SS
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
48
47
46
45
44
43
42
41
40
39
DAC7634
V
OUT
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
+2.5V
+V
V
OUT
V
OUTA Sense
V
OUTA
AGND
V
SS
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
48
47
46
45
44
43
42
41
40
39
DAC7634
V
OUT
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
Figure 57. Single-Supply Buffered VREFH (1/2 DAC7634)
Figure 58. Linearity and Differential Linearity
Figure 59. Linearity and Differential Linearity
Error Curves for Figure 57
Error Curves for Figure 60
Figure 60. Low Cost Single-Supply Configuration
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com