Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7634EB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EB Datasheet(HTML) 3 Page - Texas Instruments

  DAC7634EB Datasheet HTML 1Page - Texas Instruments DAC7634EB Datasheet HTML 2Page - Texas Instruments DAC7634EB Datasheet HTML 3Page - Texas Instruments DAC7634EB Datasheet HTML 4Page - Texas Instruments DAC7634EB Datasheet HTML 5Page - Texas Instruments DAC7634EB Datasheet HTML 6Page - Texas Instruments DAC7634EB Datasheet HTML 7Page - Texas Instruments DAC7634EB Datasheet HTML 8Page - Texas Instruments DAC7634EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
SPECIFICATIONS (continued)
At T
A = TMIN to TMAX, VDD = VCC = 5 V, VSS = –5 V, VREFH = 2.5 V, and VREFL = –2.5 V, unless otherwise noted
DAC7634E
DAC7634EB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG INPUT
Voltage output
VREFL
VREFH
VREFL
VREFH
V
VREF = –2.5 V, RL = 10 kΩ,
VSS = –5 V
Output current
– 1.25
1.25
1.25
1.25
mA
Maximum load capacitance
No oscillation
500
500
pF
Short-circuit current
–10, 30
–10, +30
mA
Short-circuit duration
GND or VCC or VSS
Indefinite
Indefinite
REFERENCE INPUT
VREFL
VREFL
Ref high input voltage range
2.5
2.5
V
+1.25
+1.25
VREFH
VREFH
Ref low input voltage range
–2.5
–2.5
V
– 1.25
– 1.25
Ref high input current
500
500
µA
Ref low input current
–500
–500
µA
DYNAMIC PERFORMANCE
Settling time
To ±0.003%, 5-V output step
8
10
8
10
µs
Channel-to-channel crosstalk
See Figure 5
0.5
0.5
LSB
Digital feedthrough
2
2
nV-s
Output noise voltage
f = 10 kHz
60
60
nV/
√Hz
7FFFH to 8000H or
DAC glitch
40
40
nV-s
8000H to 7FFFH
DIGITAL INPUT
VIH
0.7 × VDD
0.7 × VDD
V
VIL
0.3 × VDD
0.3 × VDD
V
IIH
±10
±10
µA
IIL
±10
±10
µA
DIGITAL OUTPUT
VOH
IOH = –0.8 mA
3.6
4.5
3.6
4.5
V
VOL
IOL = 1.6 mA
0.3
0.4
0.3
0.4
V
POWER SUPPLY
VDD
4.75
5.0
5.25
4.75
5.0
5.25
V
VCC
4.75
5.0
5.25
4.75
5.0
5.25
V
VSS
–5.25
–5.0
–4.75
–5.25
–5.0
–4.75
V
ICC
1.5
2
1.5
2
mA
IDD
50
50
µA
ISS
–2.3
–1.5
–2.3
–1.5
mA
Power
15
20
15
20
mW
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com