Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83850C Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83850C
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83850C Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83850C Datasheet HTML 4Page - National Semiconductor (TI) DP83850C Datasheet HTML 5Page - National Semiconductor (TI) DP83850C Datasheet HTML 6Page - National Semiconductor (TI) DP83850C Datasheet HTML 7Page - National Semiconductor (TI) DP83850C Datasheet HTML 8Page - National Semiconductor (TI) DP83850C Datasheet HTML 9Page - National Semiconductor (TI) DP83850C Datasheet HTML 10Page - National Semiconductor (TI) DP83850C Datasheet HTML 11Page - National Semiconductor (TI) DP83850C Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
2.0 Pin Descriptions (Continued)
8
www.national.com
2.3 EEPROM Interface
2.4 Miscellaneous
/IR_BUS_EN
O,L
low
Inter-Repeater Bus Enable: This signal is asserted at all times (either when the
100RIC is driving the bus or receiving from the bus) and it is deasserted only when
the 100RIC switches direction from an input (receiving) mode to an output (driving)
mode. After this switch, this signal becomes asserted again.
RDIO
I/O/Z, L
—
Register Data I/O: Serial data input/output transfers data to/from the internal regis-
ters. Serial protocol conforms to the IEEE 802.3u MII (Media Independent Interface)
specification.
Note: Input buffer has a weak pull-up.
RDC
I
—
Register Data Clock: All data transfers on RDIO are synchronized to the rising edge
of this clock. RDC is limited to a maximum frequency of 2.5 MHz. At least 3 cycles
of RDC must be provided during assertion of /RST (pin 103) to ensure proper reset
of all internal blocks.
/SDV
I
low
Serial Data Valid: Asserted when a valid read or write command is present. Used to
detect disconnection of the management bus so that synchronization is not lost. If not
used, tie this pin to GND.
Note: Input buffer has a weak pull-up.
/ACTIVEO
O/OC, M
low
Active Out: Enable for the IR_VECT[4:0] and /IR_ACTIVE signals. Used in multi-
DP83850C systems to enable the external buffers driving these Inter Repeater Bus
signals.
A pull up of 680 1/2 must be used with this signal.
Note: A table showing pin type designation is given in section 2.5
Signal Name
Type
Active
Description
Signal Name Type Active
Pin Description
EE_CS
O, L
high
EEPROM Chip Select: Asserted during reads to EEPROM.
EE_CK
O, L
-
EEPROM Serial Clock: Local Clock
÷ 32 = 0.78125MHz
EE_DO
I
-
EEPROM Serial Data Out: Connected to the serial data out of the EEPROM.
EE_DI
O, L
-
EEPROM Serial Data In: Connected to the serial data in of the EEPROM.
Signal Name
Type
Active
Pin Description
LCK
I
—
Local Clock: Must be 25 MHz
± 50ppm. Used for TX data transfer to Physical Layer
devices, TX Bus data transfers and DP83850C internal state machines.
RID[4:0]
I
—
Repeater Identification Number: Provides the unique vector for the IR_VECT[4:0]
signals used in Inter Repeater bus arbitration. These bit are also used to uniquely iden-
tify this chip for serial register accesses. The RID value is latched when reset is de-
asserted.
Note: The arbiter cannot use the value 1Fh as its arbitration vector. This is the
IR_VECT[4:0] bus idle state, therefore RID[4:0] must never be set to this value.
/RST
I
low
Reset: The chip is reset when this signal is asserted low.
GRDIO
I/O/Z, L
—
Gated Register Data Input/Output: This I/O is a gated version of RDIO. When the
“phy_access” bit in the CONFIG register is set high, the RDIO signal is passed through
to GRDIO for accessing the physical layer chips.
Note: Input buffer has a weak pull-up.
BRDC
O, L
—
Buffered Register Data Clock: Buffered version of RDC. Allows more devices to be
chained on the MII serial bus.
RDIR
O, L
high
Register Data Direction: Direction signal for an external bi-directional buffer on the
RDIO signal.
0 = RDIO data flows into the DP83850C
1 = RDIO data flows out of the DP83850C
Defaults to 0 when no register access is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com