Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83850C Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83850C
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83850C Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DP83850C Datasheet HTML 15Page - National Semiconductor (TI) DP83850C Datasheet HTML 16Page - National Semiconductor (TI) DP83850C Datasheet HTML 17Page - National Semiconductor (TI) DP83850C Datasheet HTML 18Page - National Semiconductor (TI) DP83850C Datasheet HTML 19Page - National Semiconductor (TI) DP83850C Datasheet HTML 20Page - National Semiconductor (TI) DP83850C Datasheet HTML 21Page - National Semiconductor (TI) DP83850C Datasheet HTML 22Page - National Semiconductor (TI) DP83850C Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19
www.national.com
4.0 Registers (Continued)
4.7 Administration Register (ADMIN)
4.8 Device ID Register (DEVICEID)
4.9 Hub ID 0 Register (HUBID0)
Page 0
Address 4h
Bit
Bit Name
Access
Bit Description
D15 - D13 reserved
-
For compatibility with future enhanced versions these bits must be written as
zero. They are undefined when read.
D12
TST_PART_LED
r/w
Test Partition LED: When this bit is set, the corresponding Partition LED logic
will be enabled if any of the ADMIN_DIS bits are set.
D11 - D0
ADMIN_DIS[11] ...
ADMIN_DIS[0]
r/w
Setting these bits to 0 enables the respective port (TX and RX). Writing a 1 to
any bit will disable that port. Note that port enable/disable actions will occur at
the next network idle period. For example, if an ADMIN_DIS bit is cleared dur-
ing an incoming packet, this port will only be enabled after the incoming packet
has finished. After reset, these bits default to zero (all ports enabled).
Page 0
Address 5h
Bit
Bit Name
Access
Bit Description
D15 - D13 reserved
-
For compatibility with future enhanced versions these bits must be written as zero.
They are undefined when read.
D12
T4_PHY_DET
r/w
T4 PHY detected: This bit indicates that a T4 PHY is detected. The criteria for de-
tection of T4 PHY is that /IRD_V must be asserted approximately 5 IRD_CLKs after
the /IR_ACTIVE assertion and the SFD is also seen.
This bit remains set until reset by a register write or a reset has been applied to the
repeater.
D11 - D8
PORT_NUM
read
only
Port Number: These bits indicate the last or current receiving port number.
D7
EE_DONE
read
only
EEPROM Access Done: This bit is set when the DP83850C has completed its read
of the EEPROM.
D6
reserved
-
For compatibility with future enhanced versions these bits must be written as zero.
They are undefined when read.
D5
RID_ER
r/w
Repeater ID Error: This bit is set under two conditions:
1. When this DP83850C sees another DP83850C use the same RID number as
its own on the management bus, or,
2. RID[4:0] has been programmed with a value of 1Fh.
This bit sticks to 1 until it is cleared by a register write.
D4 - D0
RPTR_ID
r/w
Device ID: These bits are the source for the IR_VECT[4:0] pins. These bits also
supply the register address for MII serial bus accesses. At the rising edge of /RST,
the levels on RID[4:0] are latched in this register as D[4:0].
Note 1: While you can write to these bits at any time, caution must be used. First,
when a new value is entered, all subsequent accesses must be performed at this
new address. Second, if an RID number is chosen that is that is the same as anoth-
er DP83850C device, both of these devices will be rendered unreadable (there will
be contention). Recovery from this condition is only possible with a complete system
reset, since it will not be possible to write new unique RID’s to the contending
DP83850Cs.
Note 2: Since IR_VECT = 1Fh is an illegal value, D[4:0] must not be written to this
value.
Page 0
Address 6h
Bit
Bit Name
Access
Bit Description
D15 - D0 HUB_ID0[15:0]
r/w
Hub ID 0: Contains the first 16 bits read from the EEPROM. The first bit read will be
written to HUB_ID0[0]; the last bit read to HUB_ID0[15].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com