Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7800LU Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7800LU
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7800LU Datasheet(HTML) 1 Page - Texas Instruments

  DAC7800LU Datasheet HTML 1Page - Texas Instruments DAC7800LU Datasheet HTML 2Page - Texas Instruments DAC7800LU Datasheet HTML 3Page - Texas Instruments DAC7800LU Datasheet HTML 4Page - Texas Instruments DAC7800LU Datasheet HTML 5Page - Texas Instruments DAC7800LU Datasheet HTML 6Page - Texas Instruments DAC7800LU Datasheet HTML 7Page - Texas Instruments DAC7800LU Datasheet HTML 8Page - Texas Instruments DAC7800LU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DESCRIPTION
The DAC7800, DAC7801 and DAC7802 are members of a
new family of monolithic dual 12-bit CMOS multiplying Digi-
tal-to-Analog Converters (DACs). The digital interface speed
and the AC multiplying performance are achieved by using
an advanced CMOS process optimized for data conversion
circuits. High stability on-chip resistors provide true 12-bit
integral and differential linearity over the wide industrial
temperature range of –40
°C to +85°C.
The DAC7800 features a serial interface capable of clocking-
in data at a rate of at least 10MHz. Serial data is clocked
(edge triggered) MSB first into a 24-bit shift register and then
latched into each DAC separately or simultaneously as
required by the application. An asynchronous CLEAR control
is provided for power-on reset or system calibration func-
tions. It is packaged in a 16-pin 0.3" wide plastic DIP.
The DAC7801 has a 2-byte (8 + 4) double-buffered interface.
Data is first loaded (level transferred) into the input registers
in two steps for each DAC. Then both DACs are updated
simultaneously. The DAC7801 features an asynchronous
CLEAR control. The DAC7801 is packaged in a 24-pin 0.3"
wide plastic DIP. The DAC7802 has a single-buffered 12-bit
data word interface. Parallel data is loaded (edge triggered)
into the single DAC register for each DAC. The DAC7802 is
packaged in a 24-pin 0.3" wide plastic DIP.
FEATURES
q TWO DACs IN A 0.3" WIDE PACKAGE
q SINGLE +5V SUPPLY
q HIGH-SPEED DIGITAL INTERFACE:
Serial—DAC7800
8 + 4-Bit Parallel—DAC7801
12-Bit Parallel—DAC7802
q MONOTONIC OVER TEMPERATURE
q LOW CROSSTALK: –94dB min
q FULLY SPECIFIED OVER –40OC TO +85OC
APPLICATIONS
q PROCESS CONTROL OUTPUTS
q ATE PIN ELECTRONICS LEVEL SETTING
q PROGRAMMABLE FILTERS
q PROGRAMMABLE GAIN CIRCUITS
q AUTO-CALIBRATION CIRCUITS
Dual Monolithic CMOS 12-Bit Multiplying
DIGITAL-TO-ANALOG CONVERTERS
Serial Interface
8-Bit Interface
8 Bits + 4 Bits
Serial
DAC7801
DAC7800
12-Bit MDAC
DAC A
FB B
I
OUT B
12-Bit MDAC
DAC B
R
12-Bit Interface
DAC7802
12
8
12
12
AGND B
REF B
V
FB A
I
OUT A
R
AGND A
REF A
V
DAC7800
DAC7801
DAC7802
SBAS005B – JANUARY 1990 – REVISED FEBRUARY 2004
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1990-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - DAC7800LU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7800LU TI-DAC7800LU Datasheet
273Kb / 17P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800LU BURR-BROWN-DAC7800LU Datasheet
645Kb / 20P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800LU TI2-DAC7800LU Datasheet
1Mb / 25P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
REVISED FEBRUARY 2004
DAC7800LU.A TI2-DAC7800LU.A Datasheet
1Mb / 25P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
REVISED FEBRUARY 2004
DAC7800LU/1K TI2-DAC7800LU/1K Datasheet
1Mb / 25P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
REVISED FEBRUARY 2004
More results

Similar Description - DAC7800LU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com