Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7802LP Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC7802LP
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7802LP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7802LP Datasheet HTML 2Page - Texas Instruments DAC7802LP Datasheet HTML 3Page - Texas Instruments DAC7802LP Datasheet HTML 4Page - Texas Instruments DAC7802LP Datasheet HTML 5Page - Texas Instruments DAC7802LP Datasheet HTML 6Page - Texas Instruments DAC7802LP Datasheet HTML 7Page - Texas Instruments DAC7802LP Datasheet HTML 8Page - Texas Instruments DAC7802LP Datasheet HTML 9Page - Texas Instruments DAC7802LP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DAC7800, 7801, 7802
6
SBAS005A
www.ti.com
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AGND
I
R
V
CS A
(LSB) DB0
DB1
DB2
DB3
DB4
DB5
DGND
I
R
V
V
CS B
WR
DB11 (MSB)
DB10
DB9
DB8
DB7
DB6
OUT A
FB A
REF A
FB B
REF B
DD
OUT B
DAC7802
TIMING CHARACTERISTICS
At VDD = +5V, and TA = –40oC to +85oC.
PARAMETER
MINIMUM
t1 - Data Setup Time
20ns
t2 - Data Hold Time
15ns
t3 - Chip Select to Write Setup Time
30ns
t4 - Chip Select to Write Hold Time
0ns
t5 - Write Pulse Width
30ns
LOGIC TRUTH TABLE
CSA
CSB
WR
FUNCTION
X
X
1
No Data Transfer
1
1
X
No Data Transfer
0
A Rising Edge on CSA or CSB Loads
Data to the Respective DAC
01
DAC A Register Loaded from Data Bus
10
DAC B Register Loaded from Data Bus
00
DAC A and DAC B Registers Loaded
from Data Bus
X = Don’t care.
means rising edge triggered.
PIN CONFIGURATION
DAC7802
DATA
5V
0V
5V
5V
CSA, CSB
WR
t
2
t
1
t
3
t
4
t
5
NOTES: (1) All input signal rise and fall times are measured from 10%
to 90% of +5V. t
R = tR = 5ns. (2) Timing measurement reference level
is
V
IH + VIL
2
.
CK
DAC B
DAC A
12
12
12
12
12
DGND
18
CS A
5
CS B
20
WR
19
21
V
DD
DAC7802
6
2
I
3
R
OUT A
FB A
23
R
24
I
1
AGND
FB B
OUT B
DAC A Register
CK
DAC B Register
DB11–DB0
4
22
V
V
REF A
REF B
Top View
DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com