Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7802LP Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC7802LP
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7802LP Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC7802LP Datasheet HTML 4Page - Texas Instruments DAC7802LP Datasheet HTML 5Page - Texas Instruments DAC7802LP Datasheet HTML 6Page - Texas Instruments DAC7802LP Datasheet HTML 7Page - Texas Instruments DAC7802LP Datasheet HTML 8Page - Texas Instruments DAC7802LP Datasheet HTML 9Page - Texas Instruments DAC7802LP Datasheet HTML 10Page - Texas Instruments DAC7802LP Datasheet HTML 11Page - Texas Instruments DAC7802LP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DAC7800, 7801, 7802
8
SBAS005A
www.ti.com
DISCUSSION OF
SPECIFICATIONS
RELATIVE ACCURACY
This term, also known as end point linearity or integral
linearity, describes the transfer function of analog output to
digital input code. Relative accuracy describes the deviation
from a straight line, after zero and full-scale errors have been
adjusted to zero.
DIFFERENTIAL NONLINEARITY
Differential nonlinearity is the deviation from an ideal 1LSB
change in the output when the input code changes by 1LSB.
A differential nonlinearity specification of 1LSB maximum
ensures monotonicity.
GAIN ERROR
Gain error is the difference between the full-scale DAC output
and the ideal value. The ideal full scale output value for the
DAC780x is –(4095/4096)VREF. Gain error may be adjusted
to zero using external trims, see Figures 5 and 7.
OUTPUT LEAKAGE CURRENT
The current which appears at IOUT A and IOUT B with the DAC
loaded with all zeros.
OUTPUT CAPACITANCE
The parasitic capacitance measured from IOUT A or IOUT B to
AGND.
CHANNEL-TO-CHANNEL ISOLATION
The AC output error due to capacitive coupling from DAC A
to DAC B or DAC B to DAC A.
MULTIPLYING FEEDTHROUGH ERROR
The AC output error due to capacitive coupling from VREF to
IOUT with the DAC loaded with all zeros.
OUTPUT CURRENT SETTLING TIME
The time required for the output current to settle to within
+0.01% of final value for a full-scale step.
DIGITAL-TO-ANALOG GLITCH ENERGY
The integrated area of the glitch pulse measured in nanovolt-
seconds. The key contributor to DAC glitch is charge injected
by digital logic switching transients.
DIGITAL CROSSTALK
Glitch impulse measured at the output of one DAC but caused
by a full-scale transition on the other DAC. The integrated
area of the glitch pulse is measured in nanovolt-seconds.
CIRCUIT DESCRIPTION
Figure 1 shows a simplified schematic of one half of a DAC780x.
The current from the VREF A pin is switched between IOUT A and
AGND by 12 single-pole double-throw CMOS switches. This
maintains a constant current in each leg of the ladder regard-
less of the input code. The input resistance at VREF is therefore
A CMOS switch transistor, included in series with the ladder
terminating resistor and in series with the feedback resistor,
RFB A, compensates for the temperature drift of the ON resis-
tance of the ladder switches.
Figure 2 shows an equivalent circuit for DAC A. COUT is the
output capacitance due to the N-channel switches and varies
from about 30pF to 70pF with digital input code. The current
source ILKG is the combination of surface and junction leak-
ages to the substrate. ILKG approximately doubles every 10°C.
RO is the equivalent output resistance of the DAC and it varies
with input code.
constant and can be driven by either a voltage or current, AC
or DC, positive or negative polarity, and have a voltage range
up to
±20V.
OUT A
I
AGND
FB A
R
2R
2R
2R
2R
2R
RR
R
V
REF A
DB11
(MSB)
DB10
DB9
DB0
(LSB)
R
FIGURE 1. Simplified Circuit Diagram for DAC A.
FIGURE 2. Equivalent Circuit for DAC A.
FB A
R
OUT A
I
V
REF A
I
LKG
R
OUT
C
O
R
AGND A
D
IN
4096
x
V
REF
R
R
INSTALLATION
ESD PROTECTION
All digital inputs of the DAC780x incorporate on-chip ESD
protection circuitry. This protection is designed to withstand
2.5kV (using the Human Body Model, 100pF and 1500
Ω).
However, industry standard ESD protection methods should
be used when handling or storing these components. When
not in use, devices should be stored in conductive foam or
rails. The foam or rails should be discharged to the destina-
tion socket potential before devices are removed.
POWER-SUPPLY CONNECTIONS
The DAC780x are designed to operate on VDD = +5V +10%.
For optimum performance and noise rejection, power-supply
decoupling capacitors CD should be added as shown in the
application circuits. These capacitors (1
µF tantalum recom-
mended) should be located close to the DAC. AGND and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com