Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETF02STRL Datasheet(PDF) 4 Page - International Rectifier

Part # 10ETF02STRL
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF02STRL Datasheet(HTML) 4 Page - International Rectifier

  10ETF02STRL Datasheet HTML 1Page - International Rectifier 10ETF02STRL Datasheet HTML 2Page - International Rectifier 10ETF02STRL Datasheet HTML 3Page - International Rectifier 10ETF02STRL Datasheet HTML 4Page - International Rectifier 10ETF02STRL Datasheet HTML 5Page - International Rectifier 10ETF02STRL Datasheet HTML 6Page - International Rectifier 10ETF02STRL Datasheet HTML 7Page - International Rectifier 10ETF02STRL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
10ETF..S QUIET
IR Series
I2140 rev. A 12/99
www.irf.com
Fig. 8 - Recovery Time Characteristics, T
J
= 25°C
Fig. 9 - Recovery Time Characteristics, T
J
=150°C
Fig.7-ForwardVoltageDropCharacteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
40
60
80
100
120
140
160
1
10
100
N u m b er O f Equ a l A m p li tude Ha lf C y cle Cu r rent Pu ls es (N )
In itia l T = 1 5 0°C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
J
At Any Ra te d L o ad C o n ditio n And W ith
R ate d V
A pp lie d Fo llo w in g S urg e .
RRM
1 0 ETF..S Series
40
60
80
100
120
140
160
180
0.0 1
0.1
1
Pulse Train Du ration (s )
In itia l T
= 1 5 0 °C
N o V olta ge R ea p plied
R ated V
R ea p plied
RR M
Vers u s Pu lse Tr a in D ur atio n.
M axim um N o n Re p e titive Su rg e C urre n t
J
1 0 E TF..S Series
1
10
10 0
0.511.5
22 .5
3
T = 2 5 °C
J
In stantan eous Forw ard Volt ag e (V )
T = 150 °C
J
1 0 E TF. .S Ser ies
0
0. 05
0. 1
0. 15
0. 2
0
4 0
8 0
120
160
200
10 A
R a t e O f Fa ll O f Fo r w a rd C u rre n t - d i/d t (A / µ s)
5 A
1 A
I
= 2 0 A
FM
2 A
1 0 ETF..S Ser ie s
T = 25 ° C
J
0
0.1
0.2
0.3
0.4
0
4 0
80
1 20
160
200
10 A
Rate Of Fall Of Forward Current - di/dt (A/ µs)
5 A
1 A
I
= 2 0 A
FM
2 A
1 0 E TF..S Series
T = 150 °C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com