Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETF02STRL Datasheet(PDF) 5 Page - International Rectifier

Part # 10ETF02STRL
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF02STRL Datasheet(HTML) 5 Page - International Rectifier

  10ETF02STRL Datasheet HTML 1Page - International Rectifier 10ETF02STRL Datasheet HTML 2Page - International Rectifier 10ETF02STRL Datasheet HTML 3Page - International Rectifier 10ETF02STRL Datasheet HTML 4Page - International Rectifier 10ETF02STRL Datasheet HTML 5Page - International Rectifier 10ETF02STRL Datasheet HTML 6Page - International Rectifier 10ETF02STRL Datasheet HTML 7Page - International Rectifier 10ETF02STRL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10ETF..S QUIET
IR Series
I2140 rev. A 12/99
www.irf.com
Fig. 14 - Thermal Impedance Z
thJC Characteristics
Fig. 12 - Recovery Current Characteristics, T
J
= 25°C
Fig.13-RecoveryCurrentCharacteristics,T
J
=150°C
Fig. 10 - Recovery Charge Characteristics, T
J
= 25°C
Fig.11-RecoveryChargeCharacteristics,T
J
=150°C
0
3
6
9
12
15
0
4 0
8 0
1 20
160
200
Ra te O f Fall O f Fo rw ard C u rre n t - di/ d t ( A / µ s)
I
= 2 0 A
FM
2 A
10 A
5 A
1 A
1 0 ETF..S Series
T = 25 °C
J
0
4
8
12
16
20
0
40
80
1 20
160
200
Ra te O f Fall Of Forwa rd C urren t - di/dt (A/µs)
I
= 2 0 A
FM
10 A
1 A
5 A
2 A
1 0E TF..S Ser ies
T = 150 °C
J
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
1. 4
0
4 0
8 0
1 2 0
16 0
200
10 A
R a t e O f Fa ll O f Fo rw ard C u rre n t - di/d t ( A / µ s)
5 A
1 A
I
= 2 0 A
FM
2 A
1 0 ETF..S Series
T = 25 °C
J
0
0. 5
1
1. 5
2
2. 5
0
4 0
8 0
120
16 0
200
10 A
R a t e O f Fa ll O f Fo rw ard C u rre n t - di/d t (A / µ s)
5 A
1 A
I
= 2 0 A
FM
2 A
10 E TF . .S Se rie s
T = 150 ° C
J
0.00 1
0.01
0.1
1
10
0.00 1
0.01
0.1
1
10
Square W ave Pulse Duration (s)
Sin gle P ulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Ste ad y Sta te V a lu e
(DC O p era tion )
1 0 ETF..S Ser ies



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com