Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3967 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3967
Description  MICROSTEPPING DRIVER WITH TRANSLATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3967 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3967 Datasheet HTML 1Page - Allegro MicroSystems 3967 Datasheet HTML 2Page - Allegro MicroSystems 3967 Datasheet HTML 3Page - Allegro MicroSystems 3967 Datasheet HTML 4Page - Allegro MicroSystems 3967 Datasheet HTML 5Page - Allegro MicroSystems 3967 Datasheet HTML 6Page - Allegro MicroSystems 3967 Datasheet HTML 7Page - Allegro MicroSystems 3967 Datasheet HTML 8Page - Allegro MicroSystems 3967 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MICROSTEPPING DRIVER
WITH TRANSLATOR
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Load Supply Voltage, VBB ............. 30 V
Output Current, IOUT
Continuous ..................... ±750 mA*
Peak................................. ±850 mA
Logic Supply Voltage, VCC ........... 7.0 V
Logic Input Voltage Range, VIN
(tw >30 ns)............. -0.3 V to +7.0 V
(tw <30 ns)................ -1 V to +7.0 V
Sense Voltage, VSENSE ............... 0.68 V
Reference Voltage, VREF ................ VCC
Package Power Dissipation,
PD................................. See page 8
Operating Temperature Range,
TA ........................... -20°C to +85°C
Junction Temperature, TJ ......... +150°C
Storage Temperature Range,
TS ......................... -55°C to +150°C
* Output current rating may be limited by
duty cycle, ambient temperature, and heat
sinking. Under any set of conditions, do not
exceed the specified current rating or a
junction temperature of 150°C.
3967
The A3967SLB is a complete microstepping motor driver with
built-in translator. It is designed to operate bipolar stepper motors in
full-, half-, quarter-, and eighth-step modes, with output drive capabil-
ity of 30 V and ±750 mA. The A3967SLB includes a fixed off-time
current regulator that has the ability to operate in slow, fast, or mixed
current-decay modes. This current-decay control scheme results in
reduced audible motor noise, increased step accuracy, and reduced
power dissipation.
The translator is the key to the easy implementation of the
A3967SLB. By simply inputting one pulse on the STEP input the
motor will take one step (full, half, quarter, or eighth depending on two
logic inputs). There are no phase-sequence tables, high-frequency
control lines, or complex interfaces to program. The A3967SLB
interface is an ideal fit for applications where a complex µP is unavail-
able or over-burdened.
Internal circuit protection includes thermal shutdown with hyster-
esis, under-voltage lockout (UVLO) and crossover-current protection.
Special power-up sequencing is not required.
The A3967SLB is supplied in a 24-lead SOIC with copper batwing
tabs. The tabs are at ground potential and need no insulation. A lead-
free (100% matte tin leadframe) version is also available.
FEATURES
s
±750 mA, 30 V Output Rating
s
Satlington™ Sink Drivers
s
Automatic Current-Decay Mode Detection/Selection
s
3.0 V to 5.5 V Logic Supply Voltage Range
s
Mixed, Fast, and Slow Current-Decay Modes
s
Internal UVLO and Thermal Shutdown Circuitry
s
Crossover-Current Protection
LOAD
SUPPLY1
SLEEP
ENABLE
OUT1A
GND
STEP
OUT1B
RESET
LOAD
SUPPLY2
SENSE1
DIR
OUT2A
PFD
RC1
REF
÷8
RC2
LOGIC
SUPPLY
OUT2B
MS2
MS1
SENSE2
PWM
TIMER
TRANSLATOR
& CONTROL
LOGIC
VBB2
VBB1
VCC
Dwg. PP-075-2
23
17
8
1
2
3
4
5
6
7
9
12
16
15
14
13
24
22
21
20
19
18
11
10
GND
GND
GND
Always order by complete part number:
Part Number
Package
A3967SLB
24-lead batwing SOIC
A3967SLB-T
24-lead batwing SOIC; Lead-free


Similar Part No. - 3967

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3967011F000 BEL-3967011F000 Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
logo
SCHOTT CORPORATION
39679 SCHOTT-39679 Datasheet
25Kb / 1P
INDUCTOR - POTS SPLITTER
logo
PCTEL, Inc.
3967D PCTEL-3967D Datasheet
140Kb / 1P
Value Embedded GPS Antenna
More results

Similar Description - 3967

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
DMOS Microstepping Driver with Translator
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
DMOS Microstepping Driver with Translator
A3967 ALLEGRO-A3967 Datasheet
443Kb / 15P
Microstepping Driver with Translator
A3967SLBTR-T ALLEGRO-A3967SLBTR-T Datasheet
443Kb / 15P
Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com