Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3967 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3967
Description  MICROSTEPPING DRIVER WITH TRANSLATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3967 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3967 Datasheet HTML 1Page - Allegro MicroSystems 3967 Datasheet HTML 2Page - Allegro MicroSystems 3967 Datasheet HTML 3Page - Allegro MicroSystems 3967 Datasheet HTML 4Page - Allegro MicroSystems 3967 Datasheet HTML 5Page - Allegro MicroSystems 3967 Datasheet HTML 6Page - Allegro MicroSystems 3967 Datasheet HTML 7Page - Allegro MicroSystems 3967 Datasheet HTML 8Page - Allegro MicroSystems 3967 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3967
MICROSTEPPPING DRIVER
WITH TRANSLATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 30 V, VCC = 3.0 V to 5.5V (unless otherwise
noted)
Characteristic
Symbol
Test Conditions
Limits
Min.
Typ.
Max.
Units
Control Logic (cont’d)
Mixed Decay Trip Point
PFDH
–
0.6VCC
–V
PFDL
–
0.21VCC
–V
Ref. Input Voltage Range
VREF
Operating
1.0
–
VCC
V
Reference Input Impedance
ZREF
120
160
200
kΩ
Gain (Gm) Error
(note 3)
EG
VREF = 2 V, Phase Current = 38.37% †
–
–
±10
%
VREF = 2 V, Phase Current = 70.71% †
–
–
±5.0
%
VREF = 2 V, Phase Current = 100.00% †
–
–
±5.0
%
Thermal Shutdown Temp.
TJ
–
165
–
°C
Thermal Shutdown Hysteresis
∆TJ
–15
–
°C
UVLO Enable Threshold
VUVLO
Increasing VCC
2.45
2.7
2.95
V
UVLO Hysteresis
∆VUVLO
0.05
0.10
–
V
Logic Supply Current
ICC
Outputs enabled
–
50
65
mA
Outputs off
–
–
9.0
mA
Sleep mode
–
–
20
µA
* Operation at a step frequency greater than the specified minimum value is possible but not warranteed.
† 8 microstep/step operation.
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.
3. EG = ([VREF/8] – VSENSE)/(VREF/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com