Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02BYFPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02BYFPR
Description  Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC3RL02BYFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC3RL02BYFPR Datasheet HTML 5Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 6Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 7Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 8Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 9Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 10Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 11Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 12Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
V
BATT
GND
MCLK_IN
LDO
Switch/
Decoder
EN
V
CC
V
LDO
CLK_OUT1
CLK_REQ1
CLK_OUT2
CLK_REQ2
EN
V
CC
CDC3RL02
www.ti.com
SCHS371C – NOVEMBER 2009 – REVISED JANUARY 2016
8 Detailed Description
8.1 Overview
The CDC3RL02 is a two-channel clock fan-out buffer and is ideal for use in portable end-equipment, such as
mobile phones, that require clock buffering with minimal additive phase noise and fan-out capabilities. It buffers a
single master clock, such as a temperature compensated crystal oscillator (TCXO) to multiple peripherals. The
device has two clock request inputs (CLK_REQ1 and CLK_REQ2), each of which enable a single clock output.
The CDC3RL02 accepts square or sine waves at the master clock input (MCLK_IN), eliminating the need for an
AC coupling capacitor. The smallest acceptable sine wave is a 0.3-V signal (peak-to-peak). CDC3RL02 has been
designed to offer minimal channel-to-channel skew, additive output jitter, and additive phase noise. The adaptive
clock output buffers offer controlled slew-rate over a wide capacitive loading range which minimizes EMI
emissions, maintains signal integrity, and minimizes ringing caused by signal reflections on the clock distribution
lines.
The CDC3RL02 has an integrated Low-Drop-Out (LDO) voltage regulator which accepts input voltages from 2.3
V to 5.5 V and outputs 1.8 V, 50 mA. This 1.8-V supply is externally available to provide regulated power to
peripheral devices such as a TCXO.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Low Additive Noise
The CDC3RL02 features –149 dBc/Hz at 10 kHz offset phase noise and 0.37 ps (RMS) of output jitter, to make
sure that the buffered signals are clean.
8.3.2 Regulated 1.8-V Externally Available I/O Supply
The CDC3RL02 allows users to connect to the output of the internal LDO, for providing power to other ICs. For
more information, refer to LDO.
8.3.3 Ultra-Small 8-bump YFP 0.4-mm Pitch WCSP Package
Using the ultra-small YFP package, the CDC3RL02 is very small and allows it to be placed on a board with
minimum work.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com