Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02BYFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02BYFPR
Description  Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC3RL02BYFPR Datasheet(HTML) 1 Page - Texas Instruments

  CDC3RL02BYFPR Datasheet HTML 1Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 2Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 3Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 4Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 5Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 6Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 7Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 8Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
V
BATT
GND
MCLK_IN
LDO
Switch/
Decoder
EN
V
CC
V
LDO
CLK_OUT1
CLK_REQ1
CLK_OUT2
CLK_REQ2
EN
V
CC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CDC3RL02
SCHS371C – NOVEMBER 2009 – REVISED JANUARY 2016
CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
1 Features
3 Description
The CDC3RL02 is a two-channel clock fan-out buffer
1
•
Low Additive Noise:
and is ideal for use in portable end-equipment, such
–
–149 dBc/Hz at 10-kHz Offset Phase Noise
as mobile phones, that require clock buffering with
–
0.37 ps (RMS) Output Jitter
minimal additive phase noise and fan-out capabilities.
It
buffers
a
single
master
clock,
such
as
a
•
Limited Output Slew Rate for EMI Reduction
temperature compensated crystal oscillator (TCXO)
(1- to 5-ns Rise/Fall Time for 10-pF to 50-pF
to multiple peripherals. The device has two clock
Loads)
request inputs (CLK_REQ1 and CLK_REQ2), each of
•
Adaptive Output Stage Controls Reflection
which enable a single clock output.
•
Regulated 1.8-V Externally Available I/O Supply
The CDC3RL02 accepts square or sine waves at the
•
Ultra-Small 8-bump YFP 0.4-mm Pitch WCSP
master clock input (MCLK_IN), eliminating the need
(0.8 mm × 1.6 mm)
for
an
AC
coupling
capacitor.
The
smallest
acceptable sine wave is a 0.3-V signal (peak-to-
•
ESD Performance Exceeds JESD 22
peak). CDC3RL02 has been designed to offer
–
2000-V Human-Body Model (A114-A)
minimal channel-to-channel skew, additive output
–
1000-V Charged-Device Model
jitter, and additive phase noise. The adaptive clock
(JESD22-C101-A Level III)
output buffers offer controlled slew-rate over a wide
capacitive
loading
range
which
minimizes
EMI
2 Applications
emissions, maintains signal integrity, and minimizes
ringing caused by signal reflections on the clock
•
Cellular Phones
distribution lines.
•
Global Positioning Systems (GPS)
The CDC3RL02 has an integrated Low-Drop-Out
•
Wireless LAN
(LDO) voltage regulator which accepts input voltages
•
FM Radio
from 2.3 V to 5.5 V and outputs 1.8 V, 50 mA. This
1.8-V
supply
is
externally
available
to
provide
•
WiMAX
regulated power to peripheral devices such as a
•
W-BT
TCXO.
Simplified Block Diagram
The CDC3RL02 is offered in a 0.4-mm pitch wafer-
level chip-scale (WCSP) package (0.8 mm × 1.6 mm)
and is optimized for very low standby current
consumption.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDC3RL02
DSBGA (8)
0.80 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDC3RL02BYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC3RL02BYFPR TI2-CDC3RL02BYFPR Datasheet
828Kb / 23P
CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
REVISED OCTOBER 2024
CDC3RL02BYFPR.A TI2-CDC3RL02BYFPR.A Datasheet
828Kb / 23P
CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
REVISED OCTOBER 2024
CDC3RL02BYFPR.B TI2-CDC3RL02BYFPR.B Datasheet
828Kb / 23P
CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
REVISED OCTOBER 2024
More results

Similar Description - CDC3RL02BYFPR

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
logo
Melexis Microelectronic...
US651 MELEXIS-US651 Datasheet
322Kb / 12P
Two-Coil Low Noise Fan Driver
logo
Lattice Semiconductor
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
PulseCore Semiconductor
PCS2P5T915A PULSECORE-PCS2P5T915A Datasheet
799Kb / 23P
Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
logo
Texas Instruments
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
Low-Noise Two-Channel 100-MHz Clock Generator
CDC3RL02 TI-CDC3RL02 Datasheet
750Kb / 15P
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com