Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421Y Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCE421Y
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421Y Datasheet(HTML) 2 Page - Texas Instruments

  CDCE421Y Datasheet HTML 1Page - Texas Instruments CDCE421Y Datasheet HTML 2Page - Texas Instruments CDCE421Y Datasheet HTML 3Page - Texas Instruments CDCE421Y Datasheet HTML 4Page - Texas Instruments CDCE421Y Datasheet HTML 5Page - Texas Instruments CDCE421Y Datasheet HTML 6Page - Texas Instruments CDCE421Y Datasheet HTML 7Page - Texas Instruments CDCE421Y Datasheet HTML 8Page - Texas Instruments CDCE421Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DESCRIPTION
f
xtal +
OutputDivider
FeedbackDivider
fout
(1)
Crystal
Oscillator
Feedback
Divider
12,16,20and32
Output
Divider
1,2,4,8,16and32
PFD/
ChargePump
Prescaler
2,3,4and5
LoopFilter
VCO1
1890
VCO2
2200
XIN1
XIN2
CE
SDATA
B0217-01
1-Pin
Interface
and
Control
EEPROM
LVPCL
LVDS
CDCE421
SCAS842B – APRIL 2007 – REVISED JANUARY 2009..................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The CDCE421 is a high-performance, low-phase-noise clock generator. It has two fully integrated, low-noise,
LC-based voltage controlled oscillators (VCOs) that operate in the 1.750-GHz to 2.350-GHz frequency range. It
has an integrated crystal oscillator that operates in conjunction with an external AT-cut crystal to produce a
stable frequency reference for the PLL-based frequency synthesizer.
The output frequency (fout) is proportional to the frequency of the input crystal (fxtal). The prescaler divider,
feedback divider, output divider, and VCO selection are what set (fout) with respect to (fxtal). For a desired
frequency (fout), look in Table 1 and find the corresponding settings in the same row. Use Equation 1 to calculate
the exact crystal oscillator frequency needed for the desired output.
Output divider(1) = 1, 2, 4, 8, 16, or 32
Feedback divider(2) = 12, 16, 20, or 32
(1)Output divider and feedback divider should be from the same row in Table 1.
(2)Feedback divider is set automatically with respect to the prescaler setting in Table 1.
A high-level block diagram of the CDCE421 is shown in Figure 1.
The CDCE421 supports one differential LVDS clock output or one differential LVPECL output.
All device settings are programmable through a Texas Instruments proprietary simple serial interface.
The device operates in a 3.3-V supply environment and is characterized for operation from –40°C to +85°C.
The CDCE421 is available in a QFN-24 package.
Figure 1. High-Level Block Diagram of the CDCE421
In the CDCE421, the feedback divider is set automatically with respect to the prescaler setting. The product of
the prescaler and the feedback divider will be either 60 or 64, as shown in Table 1, to keep the control loop
stable.
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com