Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421Y Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCE421Y
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421Y Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE421Y Datasheet HTML 9Page - Texas Instruments CDCE421Y Datasheet HTML 10Page - Texas Instruments CDCE421Y Datasheet HTML 11Page - Texas Instruments CDCE421Y Datasheet HTML 12Page - Texas Instruments CDCE421Y Datasheet HTML 13Page - Texas Instruments CDCE421Y Datasheet HTML 14Page - Texas Instruments CDCE421Y Datasheet HTML 15Page - Texas Instruments CDCE421Y Datasheet HTML 16Page - Texas Instruments CDCE421Y Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ELECTRICAL CHARACTERISTICS
CDCE421
www.ti.com..................................................................................................................................................... SCAS842B – APRIL 2007 – REVISED JANUARY 2009
Using the recommended operating conditions for the CDCE421 device.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
IVCC(LVDS)
Total current
LVDS mode
83
103
mA
IVCC(LVPECL) Total current
LVPECL mode
91
110
mA
LVDS OUTPUT MODE (see Figure 8)
fCLK
Output frequency
10.9
400
MHz
|VOD|
LDVS differential output voltage
RL = 100 Ω
247
454
mV
ΔVOD
LVDS VOD magnitude change
50
mV
VOS
Offset voltage
–40°C to 85°C
1.1
1.3
V
ΔVOS
VOS magnitude change
50
mV
tr
Output rise time
20% to 80% of VOUTpp
230
ps
tf
Output fall time
80% to 20% of VOUTpp
230
ps
Short Vout+ to ground
–30
mA
IOS
Short-circuit output current
Short Vout– to ground
30
mA
Duty cycle of the output waveform
45%
55%
TJ
Random jitter
10kHz to 20MHz
1
ps, rms
LVPECL OUTPUT MODE (see Figure 9)
fCLK
Output frequency
10.9
1175
MHz
VOH
LVPECL high-level output voltage
VCC – 1.2
VCC – 0.81
V
VOL
LVPECL low-level output voltage
VCC – 2.17
VCC – 1.36
V
|VOD|
LVPECL differential output voltage
407
mV
tr
Output rise time
20% to 80% of VOUTpp
230
ps
tf
Output fall time
80% to 20% of VOUTpp
230
ps
Duty cycle of the output waveform
45%
55%
TJ
Random jitter
10kHz to 20MHz
1
ps, rms
LVCMOS INPUT
VIL,CMOS
Low-level CMOS input voltage
VCC = 3.3 V
0.3 VCC
V
VIH,CMOS
High-level CMOS input voltage
VCC = 3.3 V
0.7 VCC
V
IL,CMOS
Low- level CMOS input current
VCC = VCC max, VIL = 0 V
–200
µA
IH,CMOS
High-level CMOS input current
VCC = VCC min, VIH = 3.7 V
200
µA
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCE421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com