Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCF5801 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801
Description  CLOCK MULTIPLIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF5801 Datasheet(HTML) 5 Page - Texas Instruments

  CDCF5801 Datasheet HTML 1Page - Texas Instruments CDCF5801 Datasheet HTML 2Page - Texas Instruments CDCF5801 Datasheet HTML 3Page - Texas Instruments CDCF5801 Datasheet HTML 4Page - Texas Instruments CDCF5801 Datasheet HTML 5Page - Texas Instruments CDCF5801 Datasheet HTML 6Page - Texas Instruments CDCF5801 Datasheet HTML 7Page - Texas Instruments CDCF5801 Datasheet HTML 8Page - Texas Instruments CDCF5801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
PLL DIVIDER/MULITPLIER SELECTION
Not Recommended for New Designs
CDCF5801
SCAS698F – SEPTEMBER 2003 – REVISED APRIL 2006
Table 1. Input-to-Output Settings
INPUT
OUTPUT
FREQUENCY
PREDIVIDER
POST DIVIDER
INPUT-TO-OUTPUT
FREQUENCY (MHz)
NOTE
(MHz)
MULTIPLICATION-RATIO
FROM
TO
FROM
TO
MULT0
MULT1
P0
P1
P2
8
12.5
35
100
280
1
0
1
1
12.5
39
50
156
1
0
1
0
4
25
70
100
280
1
1
1
1
12.5
39
25
78
1
0
0
1
2
25
78
50
156
1
1
0
1
0
Normal operation(1)
50
140
100
280
0
0
1
1
25
78
25
78
1
1
0
1
1
50
156
50
156
0
0
1
0
100
240
100
240
0
1
1
1
CLKOUT high-impedance
X
X
0
0
CLOUOTB high-impedance
CLKOUT = high
X
X
1
0
1
Special mode of operation
CLKOUTB = high
CLKOUT = P2
X
X
1
X
CLKOUTB = P2
(1)
There is some overlapping of the input frequency ranges for multiplication ratios of 1, 2, and 4. For example, an input frequency of 30
MHz for a multiplication ratio of four falls within both the 12.5 to 39-MHz range and the 25 to 70-MHz range. For best device operation in
a case such as this, always select the input frequency range nearer to the top of the table.
Table 2. Power Down Modes
STATE
PWRDNB
STOPB
CLKOUT and CLKOUTB
Power down
0
X
GNDO
Clock stop
1
0
VO, STOP
Normal
1
1
See Table 1
Table 3. Programmable Delay and Phase Alignment
DLYCTR
NOTE
LEADLAG
CLKOUT and CLKOUTB
Advanced by one step:
For every 32 edges, there are one or two
Each rising
step size: 1/768 of the CLKOUT period (1.3 mUI) at P[1:2] = 11
HI
edges for which the phase aligner does not
edge+
1/1536 of the CLKOUT period (0.65 mUI) at P[1:2] = 10
update the phase. Therefore, CLKOUT
1/3072 of the CLKOUT period (0.325 mUI) at P[1:2] = 01
phase is not updated for every 32nd edge.
Delayed by one step:
The frequency of the DLYCTRL pin should
Each rising
step size: 1/768 of the CLKOUT period (1.3 mUI) at P[1:2] = 11
always be equal to or less than the
LO
edge+
1/1536 of the CLKOUT period (0.65 mUI) at P[1:2] = 10
frequency of the LEADLAG pin.
1/3072 of the CLKOUT period (0.325 mUI) at P[1:2] = 01
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com