Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCF5801 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801
Description  CLOCK MULTIPLIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF5801 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCF5801 Datasheet HTML 4Page - Texas Instruments CDCF5801 Datasheet HTML 5Page - Texas Instruments CDCF5801 Datasheet HTML 6Page - Texas Instruments CDCF5801 Datasheet HTML 7Page - Texas Instruments CDCF5801 Datasheet HTML 8Page - Texas Instruments CDCF5801 Datasheet HTML 9Page - Texas Instruments CDCF5801 Datasheet HTML 10Page - Texas Instruments CDCF5801 Datasheet HTML 11Page - Texas Instruments CDCF5801 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
JITTER SPECIFICATION
Not Recommended for New Designs
CDCF5801
SCAS698F – SEPTEMBER 2003 – REVISED APRIL 2006
over recommended free-air temperature range and V
CC range (unless otherwise noted)
TEST CONDITIONS
PARAMETER
TYP (ps)
MAX (ps)
REFCLK
CLKOUT
MULT[0:1] P[0:2]
NOTES
(MHz)
(MHz)
Period rms (1-sigma jitter, full
25
25
11
001
20
48
frequency band)
Period p-p
120
225
Cycle to cycle +
70
165
Cycle to cycle -
70
165
RMS phase jitter (accumulated,
80
160
100 kHz-12.5 MHz)
Period rms (1-sigma jitter, full
50
50
11
001
7
15
frequency band)
Period p-p
37
75
Cycle to cycle +
27
55
Cycle to cycle -
27
55
Phase
RMS phase jitter (accumulated,
27
65
aligner
100 kHz-25 MHz)
running
(CLKOUT
Period rms (1-sigma jitter, full
100
100
00
010
5
14
tight to
frequency band)
LEADLAG;
Period p-p
30
65
REFCLK
t(jitter)
Cycle to cycle +
tight to
24
55
DLYCTRL).
Cycle to cycle -
24
55
All typical
RMS phase jitter (accumulated,
35
65
values are
100 kHz-40 MHz)
at
VDD = 3.3
Period rms (1-sigma jitter, full
156
156
00
010
4
8
V,
frequency band)
TA = 25°C.
Period p-p
20
40
Cycle to cycle +
17
40
Cycle to cycle -
17
40
RMS phase jitter (accumulated,
15
35
100 kHz-40 MHz)
Period rms (1-sigma jitter, full
200
200
01
011
8
15
frequency band)
Period p-p
38
60
Cycle to cycle +
5
55
Cycle to cycle -
35
55
RMS phase jitter (accumulated,
30
60
100 kHz-40 MHz)
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com