Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC340DBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC340DBLE
Description  1Line to 8Line Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC340DBLE Datasheet(HTML) 1 Page - Texas Instruments

  CDC340DBLE Datasheet HTML 1Page - Texas Instruments CDC340DBLE Datasheet HTML 2Page - Texas Instruments CDC340DBLE Datasheet HTML 3Page - Texas Instruments CDC340DBLE Datasheet HTML 4Page - Texas Instruments CDC340DBLE Datasheet HTML 5Page - Texas Instruments CDC340DBLE Datasheet HTML 6Page - Texas Instruments CDC340DBLE Datasheet HTML 7Page - Texas Instruments CDC340DBLE Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDC340
1-LINE TO 8-LINE CLOCK DRIVER
SCAS332B – DECEMBER 1992 – REVISED MAY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Output Skew, Low Pulse Skew for
Clock-Distribution and Clock-Generation
Applications
D TTL-Compatible Inputs and Outputs
D Distributes One Clock Input to Eight
Outputs
D Distributed VCC and Ground Pins Reduce
Switching Noise
D High-Drive Outputs (–48-mA IOH,
48-mA IOL)
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Package Options Include Plastic
Small-Outline (DW) and Shrink
description
The CDC340 is a high-performance clock-driver circuit that distributes one (A) input signal to eight (Y) outputs
with minimum skew for clock distribution. Through the use of the control pins (1G and 2G), the outputs can be
placed in a high state regardless of the A input.
The propagation delays are adjusted at the factory using the P0 and P1 pins. These pins are not intended for
customer use and should be strapped to GND.
The CDC340 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS
1G
2G
A
1Y1 – 1Y4
2Y1 – 2Y4
X
X
L
H
H
L
LH
H
H
L
HH
H
L
H
LH
L
H
H
H
H
L
L
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
1G
2G
A
P0
P1
VCC
2Y4
2Y3
GND
VCC
1Y1
1Y2
GND
1Y3
1Y4
GND
2Y1
2Y2
GND
DW PACKAGE
(TOP VIEW)


Similar Part No. - CDC340DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC340DW TI-CDC340DW Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC340DW TI2-CDC340DW Datasheet
174Kb / 8P
1-LINE TO 8-LINE CLOCK DRIVER
REVISED MAY 1997
CDC340DW.B TI2-CDC340DW.B Datasheet
174Kb / 8P
1-LINE TO 8-LINE CLOCK DRIVER
REVISED MAY 1997
More results

Similar Description - CDC340DBLE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
LVTTL-to-GTLP Clock Driver
logo
Texas Instruments
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
CDC318A TI1-CDC318A_12 Datasheet
500Kb / 14P
1Line to 10Line Clock Driver
CDC319 TI1-CDC319_08 Datasheet
361Kb / 15P
1Line to 10Line Clock Driver
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
1Line to 6Line Clock Driver
CDC329A TI1-CDC329A_08 Datasheet
299Kb / 10P
1Line to 6Line Clock Driver
CDC391 TI1-CDC391_09 Datasheet
116Kb / 7P
1Line to 6Line Clock Driver
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com