Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U430 Datasheet(PDF) 1 Page - InterFET Corporation

Part # U430
Description  Dual N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

U430 Datasheet(HTML) 1 Page - InterFET Corporation

  U430 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-70
01/99
U430, U431
Dual N-Channel Silicon Junction Field-Effect Transistor
¥ Balanced Mixers
¥ Differential Amplifiers
Absolute maximum ratings at TA = 25¡C.
Total Device Dissipation (Derate 4 mW/°C to150°C)
500 mW
Storage Temperature Range
– 65°C to +150°C
Lead Temperature
300°C
TOÐ78 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source 1, 2 Gate 1, Drain 1,
4 Case, 5 Drain 2, 6 Gate 2,
7 Source 2, 8 Omitted
At 25°C free air temperature:
U430
U431
Process NJ72
Static Electrical Characteristics
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 25
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 150
– 150
pA
VGS = – 15V, VDS = ØV
– 150
– 150
nA
VGS = – 15V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 1– 4
– 2– 6
V
VDS = 10V, ID = 1 nA
Gate Source Forward Voltage
VGS(F)
11
V
VDS = ØV, IG = 10 mA
Drain Saturation Current (Pulsed)
IDSS
12
30
24
60
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward
Gfs
10
17
10
17
mS
VDS = 10V, ID = 10 mA
f = 1 kHz
Transconductance
12
12
mS
VDS = 10V, ID = 10 mA
f = 100 MHz
Common Source Output Conductance
Gos
250
250
µS
VDS = 10V, ID = 10 mA
f = 1 kHz
0.15
0.15
µS
VDS = 10V, ID = 10 mA
f = 100 MHz
Drain Gate Capacitance
Cdg
55
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Source Gate Capacitance
Cgs
2.5
2.5
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Equivalent Short Circuit
¯eN
10
10
nV/
√Hz
VDS = 10V, ID = 10 mA
f = 100 kHz
Input Noise Voltage
Power Match Source Admittance
gig
12
12
VDS = 10V, ID = 10 mA
f = 100 MHz
Conversion Gain
Gc
33
dB
VDS = 20V, RL = 2 kΩ
f = 100 MHz
VGS = 1/2 VGS(OFF)
Saturation Drain Current Ratio
IDSS1/IDSS2 0.9
1
0.9
1
VDS = 10V, VG = ØV
Gate Source Cutoff Voltage Ratio
VGS(OFF)1
0.9
1
0.9
1
VDS = 10V, ID = 1 nA
VGS(OFF)2
Transconductance Ratio
gfs1/gfs2
0.9
1
0.9
1
VDS = 10V, ID = 10 mA
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-70


Similar Part No. - U430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U430 VISHAY-U430 Datasheet
53Kb / 6P
Matched N-Channel Pairs
04-Jun-01
U430 VISHAY-U430 Datasheet
65Kb / 7P
Matched N-Channel Pairs
04-Jun-01
logo
List of Unclassifed Man...
U4301 ETC2-U4301 Datasheet
192Kb / 6P
Prevent dust, sand and water from getting into switches
logo
Keysight Technologies
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
PCI Express 3.0 Analyzer Module
U4305B KEYSIGHT-U4305B Datasheet
1Mb / 20P
Protocol Exerciser for PCI Express짰 3.0
More results

Similar Description - U430

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N3954 INTERFET-2N3954 Datasheet
67Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN146 INTERFET-IFN146 Datasheet
89Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN5911 INTERFET-IFN5911 Datasheet
71Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
U232 INTERFET-U232 Datasheet
414Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
2N3957 INTERFET-2N3957 Datasheet
72Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N5911 INTERFET-2N5911 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
2N5912 INTERFET-2N5912 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com