Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985JST Datasheet(PDF) 7 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 3Page - Analog Devices AD1985JST Datasheet HTML 4Page - Analog Devices AD1985JST Datasheet HTML 5Page - Analog Devices AD1985JST Datasheet HTML 6Page - Analog Devices AD1985JST Datasheet HTML 7Page - Analog Devices AD1985JST Datasheet HTML 8Page - Analog Devices AD1985JST Datasheet HTML 9Page - Analog Devices AD1985JST Datasheet HTML 10Page - Analog Devices AD1985JST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD1985
Rev. A | Page 7 of 48
POWER-DOWN STATES1
Table 12.
Parameter
PR[K:I]2
PR[6:0]2
I DVDD (3.3 V) Typ
I AVDD (5 V) Typ
Unit
FULL POWER-UP
000
000 0000
55.5
56.0
mA
ADC
000
000 0001
47.4
49.9
mA
FRONT DAC
000
000 0010
49.5
47.9
mA
CENTER DAC
001
000 0000
55.5
56.0
mA
SURROUND DAC
010
000 0000
49.0
47.5
mA
LFE DAC
100
000 0000
55.1
56.0
mA
ADC + ALL DACs
111
000 0011
15.8
24.2
mA
MIXER
000
000 0100
55.5
34.3
mA
ADC + MIXER
000
000 0101
47.4
27.4
mA
ALL DACS + MIXER
111
000 0110
34.1
10.0
mA
ADC + ALL DACS + MIXER
111
000 0111
14.3
2.5
mA
STANDBY
111
011 1111
0.114
0.004
mA
HEADPHONE STANDBY
000
100 0000
55.5
48.3
mA
CLOCK SPECIFICATIONS
Table 13.
Parameter
Min
Typ
Max
Unit
INPUT CLOCK FREQUENCY (XTAL MODE OR CLOCK OSCILLATOR)
24.576
MHz
INPUT CLOCK FREQUENCY (REFERENCE CLOCK MODE)
14.31818
MHz
INPUT CLOCK FREQUENCY (USB CLOCK MODE)
48.000
MHz
RECOMMENDED CLOCK DUTY CYCLE
40
50
60
%
1 Currents measured with VREFOUT unloaded.
2 PR bits are controlled in Registers 0x2A and 0x26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com