Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985JST Datasheet(PDF) 28 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 24Page - Analog Devices AD1985JST Datasheet HTML 25Page - Analog Devices AD1985JST Datasheet HTML 26Page - Analog Devices AD1985JST Datasheet HTML 27Page - Analog Devices AD1985JST Datasheet HTML 28Page - Analog Devices AD1985JST Datasheet HTML 29Page - Analog Devices AD1985JST Datasheet HTML 30Page - Analog Devices AD1985JST Datasheet HTML 31Page - Analog Devices AD1985JST Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
AD1985
Rev. A | Page 28 of 48
Extended Audio Status and Control Register (Index 0x2A)
Reg
Num
Name
D15
D14 D13 D12 D11 D10 D9 D8
D7
D6
D5
D4
D3 D2
D1
D0
Default
0x2A Extended
Audio
Stat/Ctrl
VFORCE X
PRK PRJ PRI SPCV X
ASCLDAC ASCSDAC ASCCDAC SPSA1 SPSA0 X
ASCSPDF ASCDRA ASCVRA 0xXXXX
The extended audio status and control register is a read/write register that provides status and control of the extended audio features.
ASCVRA
Variable Rate Audio (Read/Write).
ASCVRA = 0 sets fixed sample rate audio at 48 kHz (reset default).
ASCVRA = 1 enables variable rate audio mode (enables sample rate registers and AC ’97 SLOTREQ signaling).
ASCDRA
Double Rate Audio.
ASCDRA = 1 enables double-rate audio mode in which data from PCM L and PCM R in output Slots 3 and 4 is used in
conjunction with PCM L (n + 1) and PCM R (n + 1) data to provide DAC streams at twice the sample rate designated by the PCM
Front Sample Rate Control Register.
When using the double rate audio only the front DACs are supported, and all other DACs (surround, center and LFE) are
automatically powered down.
Note that ASCDRA can be used without ASCVRA; in that case, the converter rates are forced to 96 kHz if ASCDRA = 1.
ASCSPDF
SPDIF Transmitter Subsystem Enable/Disable Bit (Read/Write).
ASCSPDF = 1 enables the SPDIF transmitter.
ASCSPDF = 0 disables the SPDIF transmitter (default).
This bit is also used to validate that the SPDIF transmitter output is actually enabled.
The ASCSPDF bit is only allowed to be set high if the Pin 48 (SPDIF) is pulled down at power-up, enabling the codec transmitter
logic. If the SPDIF pin is floating or pulled high at power-up, the transmitter logic is disabled, and therefore, the ASCSPDF bit
returns a low, indicating that the SPDIF transmitter is not available. This bit must always be read back to verify that the SPDIF
transmitter is actually enabled.
SPSA[1,0]
SPDIF Slot Assignment Bits (Read/Write).
These bits control the SPDIF slot assignment and respective defaults, depending on the codec ID configuration (see the the AC
‘97 2.3 AMAP Compliant Default SPDIF Slot Assignments table for more information.)
ASCCDAC
Center DAC Status (Read-Only).
ASCCDAC = 1 indicates the PCM center DAC is ready.
ASCSDAC
Surround DAC Status. (Read-only.)
ASCSDAC = 1 Indicates the PCM surround DACs are ready.
ASCLDAC
LFE DAC Status (Read-Only).
ASCLDAC = 1 indicates the PCM LFE DAC is ready.
SPCV
SPDIF Configuration Valid (Read-Only). Indicates the status of the SPDIF transmitter subsystem, enabling the driver to
determine if the currently programmed SPDIF configuration is supported. SPCV is always valid, independent of the SPDIF
enable bit status.
SPCV = 0 indicates current SPDIF configuraton (SPSA, SPSR, DAC slot rate, DRS) is not valid (not supported).
SPCV = 1 indicates current SPDIF configuration (SPSA, SPSR, DAC slot rate, DRS) is valid (is supported).
PRI
Center DAC Power-Down (Read/Write).
PRI = 1 mutes the PCM center DAC. Essentially, PRI + PRK = powered off center/LFE DACs.
PRJ
Surround DACs Power-Down (Read/Write).
PRJ = 1 turns off the PCM surround DACs.
PRK
LFE DAC Power-Down (Read/Write).
PRK = 1 mutes the PCM LFE DAC. Essentially, PRI + PRK = powered off center/LFE DACs.
VFORCE
Validity Force Bit. (Reset Default = 0).
When asserted, this bit forces the SPDIF stream Validity flag (Bit <28> within each SPDIF L/R subframe) to be controlled by the
V bit (D15) in Register 0x3A (SPDIF control register).
VFORCE = 0 and V = 0: The Validity bit is managed by the codec error detection logic.
VFORCE = 0 and V = 1: The Validity bit is forced high, indicating subframe data is invalid.
VFORCE = 1 and V = 0: The Validity bit is forced low, indicating subframe data is valid.
VFORCE = 1 and V = 1: The Validity bit is forced high, indicating subframe data is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com