Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSJ689 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LSJ689
Description  LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL P-CHANNEL JFET AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSJ689 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LSJ689 Datasheet HTML 1Page - Linear Integrated Systems LSJ689 Datasheet HTML 2Page - Linear Integrated Systems LSJ689 Datasheet HTML 3Page - Linear Integrated Systems LSJ689 Datasheet HTML 4Page - Linear Integrated Systems LSJ689 Datasheet HTML 5Page - Linear Integrated Systems LSJ689 Datasheet HTML 6Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201180 06/13/16 Rev#A7 ECN# LSJ689
LSJ689 PRELIMINARY
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
GS2
GS1
V
V
Differential Gate to Source Voltage
20
m
V
VDS = -15V, IG = -1mA
DSS2
DSS1
I
I
Saturation Drain Current Ratio
0.90
1.0
VDS = -15V, VGS = 0V
CMRR
COMMON MODE REJECTION RATIO
-
20 log│∆VGS1-2/∆VDS│
95
102
db
VDS = -10V to -20V, ID = -200µA
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
en
Noise Voltage
2.0
nV/
√Hz
VDS = -15V, ID = -2.0mA, f = 1kHz,
NBW = 1Hz
en
Noise Voltage
3.5
nV/
√Hz
VDS = -15V, ID = -2.0mA, f = 10Hz,
NBW = 1Hz
CISS
Common Source Input Capacitance
8
pF
VDS = -15V, ID = -200µA, f = 1MHz
CRSS
Common Source Reverse Transfer
Capacitance
3
pF
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
50
V
VDS = 0V, IG = 1µA
V(BR)G1 - G2
Gate to Gate Breakdown Voltage
±30
±45
V
IG= ±1µA, ID=IS=0A (Open Circuit)
VGS(OFF)
Gate to Source Pinch-off Voltage
1.50
5.0
V
VDS = -15V, ID = -1nA
IDSS2
Drain to Source Saturation Current
-2.5
-30
mA
VDS = -15V, VGS = 0V
IG
Gate Operating Current
2
pA
VDG = -15V, ID = -200µA
IGSS
Gate to Source Leakage Current
0.9
100
pA
VGS = 15V, VDS = 0V
Gfs
Full Conductance Transconductance
1500
µS
VDS = -15V, VGS = 0V, f = 1kHz
Gfs
Transconductance
1500
µS
VDS = -15V, ID = -200µA, f = 1kHz
GOS
Full Output Conductance
38
µS
VDS = -15V, VGS = 0V, f = 1kHz
GOS
Output Conductance
3
µS
VDS = -15V, ID = -200µA, f = 1kHz
NF
Noise Figure
0.5
db
VDS = -15V, VGS = 0V, RG = 10m
Ω
TYPICAL SPICE PARAMETERS FOR LSJ689 IN LT SPICE FORMAT:
LSJ689_4 IDSS = 14.0mA RDS=112
.MODEL LSJ689_4 PJF (LEVEL=1 BETA=28E-4 VTO=-2.75 LAMBDA=2E-3
+ IS=4.5E-16 N= 1 RD=73 RS=35 CGD=6E-12 CGS=11E-12 PB=0.25 MJ=0.3 FC=0.5
+ KF=2E-18 AF=1 XTI=0)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com