Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSJ689 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LSJ689
Description  LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL P-CHANNEL JFET AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSJ689 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LSJ689 Datasheet HTML 1Page - Linear Integrated Systems LSJ689 Datasheet HTML 2Page - Linear Integrated Systems LSJ689 Datasheet HTML 3Page - Linear Integrated Systems LSJ689 Datasheet HTML 4Page - Linear Integrated Systems LSJ689 Datasheet HTML 5Page - Linear Integrated Systems LSJ689 Datasheet HTML 6Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201180 06/13/16 Rev#A7 ECN# LSJ689
LSJ689 PRELIMINARY
NOTES
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulse width ≤2
ms.
3.
All MIN/TYP/MAX Limits are absolute values. Negative signs indicate electrical polarity only.
4.
Derate 2.4 mW/°C above 25°C.
5.
Derate 4 mW/°C above 25°C.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
PACKAGE DIMENSIONS
DIMENSIONS IN INCHES
1
3
5
SOT-23
DIMENSIONS IN
MILLIMETERS
2
4
6
0.95
1.90
1.50
1.75
2.60
3.00
0.35
0.50
2.80
3.00
0.90
1.30
0.00
0.15
0.09
0.20
0.10
0.60
Six Lead
0.210
0.170
DIMENSIONS IN INCHES
DIMENSIONS IN MILLIMETERS
TO-71
SIX LEAD
SOIC-A
EIGHT LEAD
SOT-23
SIX LEAD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com