Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX66B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX66B
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX66B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX66B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX66B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistors
BUX66B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUX66B
IC= -200mA ; IB=0
-300
V
BUX66C
-350
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A; IB= -0.15A
-2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -1A; IB= -0.15A
-1.5
V
ICEO
Collector Cutoff Current
VCE= -150V; IB= 0
-5.0
mA
ICEX
Collector Cutoff Current
BUX66B
VCB=-350V;VBE= 1.5V;
VCB=-350V;VBE= 1.5V;TC=100℃
-8.0
-10.0
mA
BUX66C
VCB=-400V;VBE= 1.5V;
VCB=-400V;VBE= 1.5V;TC=100℃
-8.0
-10.0
IEBO
Emitter Cutoff Current
VEB= -6V; IC=0
-1.0
mA
hFE
DC Current Gain
IC= -1A; VCE= -5V
10
150
Switching Times
tr
Rise Time
IC= -1A; IB1= -IB2= -0.1A;
VCC= -200V
0.6
μs
ts
Storage Time
2.5
μs
tf
Fall Time
0.6
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com