Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX66B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUX66B
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX66B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUX66B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX66B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistors
BUX66B/C
DESCRIPTION
·Contunuous Collector Current-IC= -2A
·Power Dissipation-PD= 35W @TC= 25℃
·Collector-Emitter Saturation Voltage-
: VCE(sat)= -2.5V(Max)@ IC = -1A
APPLICATIONS
·Designed for high-speed switching and linear amplifier appli-
cation for high-voltage operational amplifiers, switching regu-
lators, converters,deflection stages and high fidelity amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
5.0
℃/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
BUX66B
-350
V
BUX66C
-400
VCEO
Collector-Emitter Voltage
BUX66B
-300
V
BUX66C
-350
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current-Continuous
-2.0
A
ICP
Collector Current-Peak
-5.0
A
IB
Base Current
-1.0
A
PC
Collector Power Dissipation@TC=25℃
35
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - BUX66B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUX66B NJSEMI-BUX66B Datasheet
138Kb / 3P
High Voltage Silicon P-N-P Transistors
More results

Similar Description - BUX66B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com