Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5253EVAL Datasheet(PDF) 21 Page - Analog Devices

Part # AD5253EVAL
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253EVAL Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5253EVAL Datasheet HTML 17Page - Analog Devices AD5253EVAL Datasheet HTML 18Page - Analog Devices AD5253EVAL Datasheet HTML 19Page - Analog Devices AD5253EVAL Datasheet HTML 20Page - Analog Devices AD5253EVAL Datasheet HTML 21Page - Analog Devices AD5253EVAL Datasheet HTML 22Page - Analog Devices AD5253EVAL Datasheet HTML 23Page - Analog Devices AD5253EVAL Datasheet HTML 24Page - Analog Devices AD5253EVAL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 21 of 28
DIGITAL INPUT/OUTPUT CONFIGURATION
SDA is a digital input/output with an open-drain MOSFET that
requires a pull-up resistor for proper communication. On the
other hand, SCL and WP are digital inputs with pull-up
resistors recommended to minimize the MOSFET cross-
conduction when the driving signals are lower than VDD. SCL
and WP have ESD protection diodes, as shown in Figure 35 and
Figure 36.
WP can be permanently tied to VDD without a pull-up resistor if
the write-protect feature is not used. If WP is left floating, an
internal current source will pull it low to enable write-protect.
In applications where the device is not being programmed on a
frequent basis, this allows the part to default to write-protect
after any one-time factory programming or field calibration
without using an on-board pull-down resistor. Since there are
protection diodes on all these inputs, their signal levels must not
be greater than VDD to prevent forward biasing of the diodes.
GND
SCL
VDD
Figure 35. SCL Digital Input
GND
INPUTS
WP
VDD
Figure 36. Equivalent WP Digital Input
MULTIPLE DEVICES ON ONE BUS
AD5253/AD5254 are equipped with two addressing pins, AD1
and AD0, that allow up to four AD5253/AD5254s to be
operated on one I2C bus. To achieve this result, the states of
AD1 and AD0 on each device must first be defined. An example
is shown in Table 12 and Figure 37. In I2C programming, each
device is issued a different slave address—01011(AD1)(AD0)—
to complete the addressing.
Table 12. Multiple Devices Addressing
AD1
AD0
Device Addressed
0
0
U1
0
1
U2
1
0
U3
1
1
U4
VDD
RP
RP
+5V
VDD
VDD
U1
AD0
AD1
SDA SCL
MASTER
U2
AD0
AD1
SDA SCL
U3
AD0
AD1
SDA SCL
U4
AD0
AD1
SDA
SDA
SCL
SCL
Figure 37. Multiple AD5253/AD5254s on a Single Bus
In wireless base station smart antenna systems where arrays of
digital potentiometers may be needed to bias the power
amplifiers, large numbers of AD5253/AD5254s can be
addressed by using extra decoders, switches, and I/O buses, as
shown in Figure 38. For example, to communicate to a total of
16 devices, four decoders and 16 sets of combinational switches
(four sets shown in Figure 36) are needed. Two I/O buses serve
as the common inputs of the four 2 × 4 decoders and select four
sets of outputs at each combination. Because the four sets of
combination switch outputs are unique, as shown in Figure 38, a
specific device is addressed by proper I2C programming with
the slave address defined as 01011(AD1)(AD0). This operation
allows one out of 16 devices to be addressed, provided the
inputs of the two decoders do not change states. The decoders’
inputs are allowed to change once the operation of the specified
device is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com