Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5253EVAL Datasheet(PDF) 26 Page - Analog Devices

Part # AD5253EVAL
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253EVAL Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5253EVAL Datasheet HTML 20Page - Analog Devices AD5253EVAL Datasheet HTML 21Page - Analog Devices AD5253EVAL Datasheet HTML 22Page - Analog Devices AD5253EVAL Datasheet HTML 23Page - Analog Devices AD5253EVAL Datasheet HTML 24Page - Analog Devices AD5253EVAL Datasheet HTML 25Page - Analog Devices AD5253EVAL Datasheet HTML 26Page - Analog Devices AD5253EVAL Datasheet HTML 27Page - Analog Devices AD5253EVAL Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 26 of 28
AD8594
U3B
U3A
AD8594
+5V
C10
U3D
SCL
SDA
R4
R3
R2
C1
22k
Ω 22kΩ
250k
Ω 250kΩ
10k
Ω
10k
Ω
10k
Ω
250k
Ω
10k
Ω
10k
Ω 10kΩ
4.7
Ω
0.1
Ω
4.7
Ω
0.1
Ω
4.7
Ω
0.1
Ω
100k
Ω
10
µF
390
µF
0.1
µF
10
µF
10
µF
R7
R6
A3
U1
RDAC3
CLK
SDI
A2
B2
A1
B1
RDAC2
RDAC1
A0
L1 - SLF6025-100M1R0
D1 - MBR0520LT1
W0
PWM
W1
W2
B0
RDAC0
GND AD0 AD1
AD5254
B3
RC
R1
R5
U2
D1
DB1
DB2
DB3
DG1
DG2
DG3
DR1
VOUT
DR2
DR3
VB
N3
IB
IG
IR
VG
VRB
N2
C3
R10
RB
R9
R8
VRR
IRFL3103
IRFL3103
IRFL3103
VR
RR
RG
VRG
N1
+5V
C11
8
U3C
4
L1
VDD
CSS
CC
VSS
VREF = 2.5V
10
µF
0.1
µF
AD8594
AD8594
SD
V+
V–
ADP1610
IN
SW
FB
COMP
SS
RT GND
SD
Figure 45. Digital Potentiometer-Based RGB LED Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com