Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM1802 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 17Page - Texas Instruments CDCM1802 Datasheet HTML 18Page - Texas Instruments CDCM1802 Datasheet HTML 19Page - Texas Instruments CDCM1802 Datasheet HTML 20Page - Texas Instruments CDCM1802 Datasheet HTML 21Page - Texas Instruments CDCM1802 Datasheet HTML 22Page - Texas Instruments CDCM1802 Datasheet HTML 23Page - Texas Instruments CDCM1802 Datasheet HTML 24Page - Texas Instruments CDCM1802 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
CDCM1802
www.ti.com
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
11.3 Thermal Considerations
Table 2. Package Thermal Resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VQFN
−16 package thermal resistance
4-layer JEDEC test board (JESD51
−7) with four thermal
RθJA
48.4
°C/W
with thermal vias in PCB(1)
vias of 22-mil diameter each, airflow = 0 ft/min
(1)
It is recommended to provide four thermal vias to connect the thermal pad of the package effectively with the PCB and ensure a good
heat sink.
Example:
Calculation of the junction-lead temperature with a 4-layer JEDEC test board using four thermal vias:
TChassis = 85°C (temperature of the chassis)
Peffective = Imax × Vmax = 85 mA × 3.6 V = 306 mW (max power consumption inside the package)
ΔTJunction = RθJA × Peffective = 40.8°C/W × 306 mW = 12.48°C
TJunction = ΔTJunction + TChassis = 12.48°C + 85°C = 97.48°C (the maximum junction temperature of
Tdie−max = 125°C is not violated)
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: CDCM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com