Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM1802 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 12Page - Texas Instruments CDCM1802 Datasheet HTML 13Page - Texas Instruments CDCM1802 Datasheet HTML 14Page - Texas Instruments CDCM1802 Datasheet HTML 15Page - Texas Instruments CDCM1802 Datasheet HTML 16Page - Texas Instruments CDCM1802 Datasheet HTML 17Page - Texas Instruments CDCM1802 Datasheet HTML 18Page - Texas Instruments CDCM1802 Datasheet HTML 19Page - Texas Instruments CDCM1802 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
CDCM1802
LVCMOS
IN
IN
VBB
R
dc
C
CT
C
AC
50 Q
CDCM1802
LVPECL
IN
IN
130 Q
130 Q
83 Q
83 Q
50 Q
50 Q
CDCM1802
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
www.ti.com
Application Information (continued)
Figure 16. Recommended DC-Coupling LVPECL Receiver Input Termination
9.1.2 LVCMOS Receiver Input Termination
NOTE: CAC − AC-coupling capacitor (for example, 10 nF)
CCT − Capacitor keeps voltage at IN constant (for example, 10 nF)
Rdc − Load and correct duty cycle (for example, 50 Ω)
VBB − Bias voltage output
Figure 17. Typical Application Setting for Single-Ended Input Signals Driving the CDCM1802
16
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: CDCM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com