Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005HFG/EM Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005HFG/EM
Description  CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005HFG/EM Datasheet(HTML) 37 Page - Texas Instruments

Back Button CDCM7005HFG/EM Datasheet HTML 33Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 34Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 35Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 36Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 37Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 38Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 39Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 40Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
B0064-01
LO1
(PLL)
16-Bit
DAC
16-Bit
DAC
DAC5687
FIR
FIR
DDC
DUC
RF
I
I
Q
Q
14-Bit
ADC
ADS5423
3.84MHz
VCXO
491.52MHz
61.44MHz
491.52MHz
122.88MHz
122.88MHz
Duplexer
LO1
IF1
LNA
90
0
S
PA
FIR
FIR
GC5016
GC5016
THS4509
TRF3750
(PLL)
TRF3702
CDCM7005
37
CDCM7005-SP
www.ti.com
SGLS390G – JULY 2009 – REVISED NOVEMBER 2015
Product Folder Links: CDCM7005-SP
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.1.1 Clock Generation for Interpolating DACs With the CDCM7005-SP
The CDCM7005-SP, with its specified phase noise performance, is an ideal sampling clock generator for high
speed ADCs and DACs. The CDCM7005-SP is especially of interest for the new high speed DACs, which have
integrated interpolation filter. Such DACs achieve sampling rates up to 500 MSPS. This high data rate can
typically not be supported from the digital side driving the DAC (for example, DUC, digital up-converter).
Therefore, one approach to interface the DUC to the DAC is the integration of an interpolation filter within the
DAC to reduce the data rate at the digital input of the DAC. In 3G systems, for example, a common sampling
rate of a high speed DAC is 491.52 MSPS. With a four times interpolation of the digital data, the required input
data rate results into 122.88 MSPS, which can be supported easily from the digital side. The DUC GC5016,
which supports up to four WCDMA carriers, provides a maximum output data rate of 150 MSPS. An example is
shown in Figure 25, where the CDCM7005-SP supplies the clock signal for the DUC/DDC and ADC/DAC.
Figure 25. CDCM7005-SP as a Clock Generator for High Speed ADCs and DACs
The generation of the two required clock signals (data input clock, clock for DAC) for such an interpolating DAC
can be done in different ways. The recommended way is to use the CDCM7005-SP, which generates the fast
sampling clock for the DAC from the data input clock signal. The DAC5687 demands that the edges of the two
input clocks must be phase aligned within ±500 ps for latching the data properly. This phase alignment is well
achieved with the CDCM7005-SP, which assures a maximum skew of 70 ps of the different outputs to each
other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com