Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005HFG/EM Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005HFG/EM
Description  CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005HFG/EM Datasheet(HTML) 39 Page - Texas Instruments

Back Button CDCM7005HFG/EM Datasheet HTML 35Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 36Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 37Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 38Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 39Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 40Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 41Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 42Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39
CDCM7005-SP
www.ti.com
SGLS390G – JULY 2009 – REVISED NOVEMBER 2015
Product Folder Links: CDCM7005-SP
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Application Information (continued)
(1)
Output phase noise is dependent on the noise of the REF_IN clock and VCXO clock noise floor. The phase noise measurements were
taken with the CDCM7005-SP EVM and CDCM7005-SP SPI default settings.
(2)
The typical stabilization time is based on the above application example. The stabilization criterion was a stable high level of
PLL_LOCK.
(3)
For further explanations, as well as phase noise/jitter test results using various VCXOs, see application note SCAA067.
10.1.2 Phase Noise Performance
Table 16. Phase Noise Performance
PARAMETER(1)
TEST CONDITIONS
REF_IN PHASE
NOISE
AT 30.72 MHz
VCXO PHASE
NOISE
AT 245.76 MHz
Yx PHASE NOISE
AT 30.72 MHz
UNIT
LVCMOS
LVPECL
TYP(2)
TYP(2)
phn10
Phase noise at 10 Hz
Y = 30.72 MHz; ƒPFD = 200
kHz, Loop BW = 20 Hz,
Feedback Divider = 8 × 128
(N × P), ƒREF_IN = 30.72
MHz, M-Divider = 128, ICP =
2 mA
–109
–75
–104
–100
dBc/Hz
phn100
Phase noise at 100 Hz
–125
–97
–116
–116
dBc/Hz
phn1k
Phase noise at 1 kHz
–134
–117
–140
–140
dBc/Hz
phn10k
Phase noise at 10 kHz
–136
–138
–153
–152
dBc/Hz
phn100k
Phase noise at 100 kHz
–138
–148
–156
–153
dBc/Hz
phn1Mk
Phase noise at 1 MHz
–144
–148
–156
–153
dBc/Hz
phn10M
Phase noise at 10 MHz
–144
–148
–156
–153
dBc/Hz
PLL STABILIZATION TIME
tstabi
PLL stabilization time(3)
Y = 30.72 MHz, ƒPFD = 200
kHz, Loop BW = 20 Hz,
Feedback Divider = 8 × 128
(N × P), ƒREF_IN = 30.72
MHz, M-Divider = 128, ICP =
2 mA
400
ms
(1)
The synthesizer phase noise floor can be estimated by measuring the in-band noise at the output of the CDCM7005-SP and subtracting
20log(Feedback Divider) N (in case of CDCM7005-SP it is the N+P divider). The calculated phase noise floor still based on the PFD
update frequency, in the above specification, is 400 kHz.
(2)
The in-band noise can also be normalized to a comparison frequency of 1 Hz. The resulting phase noise floor is: pnfloor =
PNmeasured – 20log(N+P) – 10log(ƒPFD)
where:
pnNfloor = normalized phase noise floor in dBc/Hz
PNmeasured = in-band phase noise measurement in dBc/Hz
20log(N+P) = divider ratio of feedback loop
10log(ƒPFD) = PFD update frequency in Hz
10.1.2.1 In-Band Noise Performance
Table 17. In-Band Noise Performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
pnin-band In-band phase noise test conditions
Y = 900 MHz, ƒPFD = 400 kHz, Loop
BW = 27 kHz, Feedback Divider = 8 × 282
(N × P), ƒREF_IN = 10 MHz; M-Divider = 25,
ICP = 3 mA
–95
dBc/Hz
pnf400
Phase noise floor at 400 kHz ƒPFD, in-band
noise – 20log(feedback div) (1)
–162
dBc/Hz
pnf1
Phase noise floor at 1 Hz ƒPFD, in-band
noise – 20log(feedback div) –
10log(ƒPFD)
(2)
–218
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com