Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS503PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCS503PW
Description  Clock Buffer/Clock Multiplier With Optional SSC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCS503PW Datasheet(HTML) 3 Page - Texas Instruments

  CDCS503PW Datasheet HTML 1Page - Texas Instruments CDCS503PW Datasheet HTML 2Page - Texas Instruments CDCS503PW Datasheet HTML 3Page - Texas Instruments CDCS503PW Datasheet HTML 4Page - Texas Instruments CDCS503PW Datasheet HTML 5Page - Texas Instruments CDCS503PW Datasheet HTML 6Page - Texas Instruments CDCS503PW Datasheet HTML 7Page - Texas Instruments CDCS503PW Datasheet HTML 8Page - Texas Instruments CDCS503PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
DEVICE CHARACTERISTICS
CDCS503
www.ti.com .................................................................................................................................................................................................. SCAS872 – MARCH 2009
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD
Supply voltage range
–0.5 to 4.6
V
VIN
Input voltage range(1)
–0.5 to 4.6
V
Vout
Output voltage range(1)
–0.5 to 4.6
V
IIN
Input current (VI < 0, VI > VDD)
20
mA
Iout
Continuous output current
50
mA
TST
Storage temperature range
–65 to 150
°C
TJ
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3.0
3.6
V
FS = 0
8
32
fIN
Input frequency
MHz
FS = 1
8
27
VIL
Low level input voltage LVCMOS
0.3 VDD
V
VIH
High level input voltage LVCMOS
0.7 VDD
V
VI
Input voltage threshold LVCMOS
0.5 VDD
V
CL
Output load test LVCMOS
15
pF
IOH/IOL
Output current
±12
mA
TA
Operating free-air temperature
-40
85
°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fout = 20 MHz; FS = 0, no SSC
19
IDD
Device supply current
mA
fout = 70 MHz; FS = 1, SSC = 2%
22
FS = 0
8
32
fOUT
Output frequency
MHz
FS = 1
32
108
IIH
LVCMOS input current
VI = VDD; VDD = 3.6 V
10
µA
IIL
LVCMOS input current
VI = 0 V; VDD = 3.6 V
–10
µA
IOH = - 0.1mA
2.9
VOH
LVCMOS high-level output voltage
IOH = - 8mA
2.4
V
IOH = - 12mA
2.2
IOL = 0.1mA
0.1
VOL
LVCMOS low-level output voltage
IOL = 8mA
0.5
V
IOL = 12mA
0.8
IOZ
High- impedance-state output current
OE = Low
–2
2
µA
tJIT(C-C)
Cycle to cycle jitter(1)
fout = 108 MHz; FS = 1,
110
ps
SSC = 1%, 10000 Cycles
tr/tf
Rise and fall time(1)
20%–80%
0.75
ns
Odc
Output duty cycle
45%
55%
fMOD
Modulation frequency
30
kHz
(1)
Measured with Test Load, see Figure 2.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCS503



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com