Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS503PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCS503PW
Description  Clock Buffer/Clock Multiplier With Optional SSC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCS503PW Datasheet(HTML) 5 Page - Texas Instruments

  CDCS503PW Datasheet HTML 1Page - Texas Instruments CDCS503PW Datasheet HTML 2Page - Texas Instruments CDCS503PW Datasheet HTML 3Page - Texas Instruments CDCS503PW Datasheet HTML 4Page - Texas Instruments CDCS503PW Datasheet HTML 5Page - Texas Instruments CDCS503PW Datasheet HTML 6Page - Texas Instruments CDCS503PW Datasheet HTML 7Page - Texas Instruments CDCS503PW Datasheet HTML 8Page - Texas Instruments CDCS503PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
APPLICATION INFORMATION
SSC MODULATION
PARAMETER MEASUREMENT INFORMATION
VDD
1kW
CDCS503
LVCMOS
1kW
10pF
LVCMOS
LVCMOS
CDCS503
TypicalDriver
Impedance
~32 W
Series Termination
~18 W
Z =50
L
W
CDCS503
www.ti.com .................................................................................................................................................................................................. SCAS872 – MARCH 2009
The exact implementation of the SSC modulation plays a vital role for the EMI reduction. The CDCS503 uses a
triangular modulation scheme implemented in a way that the modulation frequency depends on the VCO
frequency of the internal PLL and the spread amount is independent from the VCO frequency.
The modulation frequency can be calculated by using one of the below formulas chosen by frequency
multiplication mode.
FS = 0: fmod = fIN / 708
FS = 1: fmod = fIN / 620
Figure 2. Test Load
Figure 3. Load for 50-
Ω Board Environment
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCS503



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com