Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCV855IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV855IPWR
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV855IPWR Datasheet(HTML) 2 Page - Texas Instruments

  CDCV855IPWR Datasheet HTML 1Page - Texas Instruments CDCV855IPWR Datasheet HTML 2Page - Texas Instruments CDCV855IPWR Datasheet HTML 3Page - Texas Instruments CDCV855IPWR Datasheet HTML 4Page - Texas Instruments CDCV855IPWR Datasheet HTML 5Page - Texas Instruments CDCV855IPWR Datasheet HTML 6Page - Texas Instruments CDCV855IPWR Datasheet HTML 7Page - Texas Instruments CDCV855IPWR Datasheet HTML 8Page - Texas Instruments CDCV855IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CDCV855, CDCV855I
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS660A – SEPTEMBER 2001 – REVISED DECEMBER 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
(Select Functions)
INPUTS
OUTPUTS
PLL
AVDD
PWRDWN
CLK
CLK
Y[0:3]
Y[0:3]
FBOUT
FBOUT
GND
H
L
H
L
H
L
H
Bypassed/Off
GND
H
H
L
H
L
H
L
Bypassed/Off
X
L
L
H
Z
Z
Z
Z
Off
X
L
H
L
Z
Z
Z
Z
Off
2.5 V (nom)
H
L
H
L
H
L
H
On
2.5 V (nom)
H
H
L
H
L
H
L
On
2.5 V (nom)
X
<20 MHz{
<20 MHz{
Z
Z
Z
Z
Off
† Typically 10 MHz
functional block diagram
27
Y3
26
16
Y2
17
13
Y1
12
Y0
3
2
20
FBOUT
19
Powerdown
and Test
Logic
9
24
6
23
7
22
PLL
PWRDWN
AVDD
CLK
CLK
FBIN
FBIN
FBOUT
Y3
Y2
Y1
Y0
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
10
Ground for 2.5-V analog supply
AVDD
9
2.5-V analog supply
CLK, CLK
6, 7
I
Differential clock input
FBIN, FBIN
23, 22
I
Feedback differential clock input
FBOUT, FBOUT
19, 20
O
Feedback differential clock output
GND
1, 5, 14, 15, 28
Ground
PWRDWN
24
I
Control input to turn device in the power-down mode
VDDQ
4, 8, 11, 18, 21, 25
2.5-V supply
Y[0:3]
3, 12, 17, 26
O
Buffered output copies of input clock, CLK
Y[0:3]
2, 13, 16, 27
O
Buffered output copies of input clock, CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com