Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCV855IPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV855IPWR
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV855IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCV855IPWR Datasheet HTML 4Page - Texas Instruments CDCV855IPWR Datasheet HTML 5Page - Texas Instruments CDCV855IPWR Datasheet HTML 6Page - Texas Instruments CDCV855IPWR Datasheet HTML 7Page - Texas Instruments CDCV855IPWR Datasheet HTML 8Page - Texas Instruments CDCV855IPWR Datasheet HTML 9Page - Texas Instruments CDCV855IPWR Datasheet HTML 10Page - Texas Instruments CDCV855IPWR Datasheet HTML 11Page - Texas Instruments CDCV855IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CDCV855, CDCV855I
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS660A – SEPTEMBER 2001 – REVISED DECEMBER 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Yx, FBOUT
Yx, FBOUT
Yx, FBOUT
Yx, FBOUT
tc(n)
tjit(per) = tc(n) –
1
fo
1
fo
Figure 5. Period Jitter
tjit(hper) = t(hper_n) –
t(hper_n)
t(hper_n+1)
Yx, FBOUT
Yx, FBOUT
1
fo
1
2xfo
Figure 6. Half-Period Jitter
Clock Inputs
and Outputs
80%
20%
80%
20%
tslrr(i), tslrr(o)
tslrf(i), tslrf(o)
VID, VOD
Figure 7. Input and Output Slew Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com