Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5903VLA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # CLC5903VLA/NOPB
Description  Dual Digital Tuner/AGC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC5903VLA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  CLC5903VLA/NOPB Datasheet HTML 1Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 2Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 3Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 4Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 5Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 6Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 7Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 8Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
3
www.national.com
Absolute Maximum Ratings
NOTE: Absolute maximum ratings are limiting values, to be
applied individually, and beyond which the serviceability of the
circuit may be impaired. Functional operability under any of
these conditions is not necessarily implied. Exposure to maxi-
mum ratings for extended periods may affect device reliability.
Operating Ratings
Package Thermal Resistance
Reliability Information
Ordering Information
CLC5903 Electrical Characteristics (Note 1)
Positive IO Supply Voltage (VDDIO)
-0.3V to 4.2V
Positive CoreSupply Voltage (VDD)
-0.3V to 2.4V
Voltage on Any Input or Output Pin
-0.3V to VDDIO+0.5V
Input Current at Any Pin
±25mA
Package Input Current
±50mA
Package Dissipation at TA=25°C
1W
ESD Susceptibility
Human Body Model
Machine Model
2000V
200V
Soldering Temperature, Infrared, 10
seconds
300°C
Storage Temperature
-65°C to 150°C
Positive IO Supply Voltage (VDDIO)
3.3V ±10%
Positive Core Supply Voltage (VDD)
1.8V ±10%
Operating Temperature Range
-40°C to +85°C
Package
θja
θjc
128 pin PQFP
39°C/W
20°C/W
128 pin FBGA
30°C/W
N/A
Transistor Count
1.4 million
Order Code
Temperature
Range
Description
CLC5903VLA
-40°C to
+85°C
128-pin PQFP (indus-
trial temperature range)
CLC5903SM
-40°C to
+85°C
128-pin FBGA (indus-
trial temperature range)
DC Characteristics
(FS=78MHz, CIC Decimation=48, F2 Decimation=2; unless specified)
Symbol
Parameter
Min
Typ
Max
Units
VIL
Voltage input low
-0.5
0.7
V
VIH
Voltage input high
2.3
VDDIO+0.5
V
IOZ
Input current
20
uA
VOL
Voltage output low (IOL = 4mA/16mA, see Note 2)
0.4
V
VOH
Voltage output high (IOH = -4mA/-16mA, see Note 2)
2.4
V
CIN
Input capacitance
5.0
pF
AC Characteristics
(FS=78MHz, CIC Decimation=48, F2 Decimation=2; unless specified)
Symbol
Parameter (CL=50pF)
Min
Typ
Max
Units
FCK
Clock (CKA|B) Frequency (Figure 7)
78
MHz
SFDR
Spurious Free Dynamic Range
-100
dBFS
SNR
Signal to Noise Ratio
-127
dBFS
Tuning Resolution
0.02
Hz
Phase Resolution
0.005
°
tMRA
MR Active Time (Figure 5)
4
CK periods
tMRIC
MR Inactive to first Control Port Access (Figure 5)
10
CK periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com