Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5903VLA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # CLC5903VLA/NOPB
Description  Dual Digital Tuner/AGC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC5903VLA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button CLC5903VLA/NOPB Datasheet HTML 5Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 6Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 7Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 8Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 9Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 10Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 11Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 12Page - Texas Instruments CLC5903VLA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.national.com
8
D[7:0]
62,63,
69:73,75
J9,L10,
M12,K11,
L12,H9,
J11,H10
DATA BUS. Active high
This is the 8 bit control data I/O bus. Control register data is loaded into the chip or
read from the chip through these pins. The chip will only drive output data on these
pins when CE is low, RD is low, and WR is high.
A[7:0]
48,50,
52:57
M5,L6,L7,
K7,L8,M8,
K8,L9
ADDRESS BUS. Active high
These pins are used to address the control registers within the chip. Each of the con-
trol registers within the chip are assigned a unique address in a flat address space. A
control register can be written to or read from by setting A[7:0] to the register’s
address.
RD
59
K9
READ ENABLE. Active low
This pin enables the chip to output the contents of the selected register on the D[7:0]
pins when CE is also low.
WR
58
M9
WRITE ENABLE. Active low
This pin enables the chip to write the value on the D[7:0] pins into the selected regis-
ter when CE is also low. This pin can also function as RD/WR if RD is held low.
CE
60
J8
CHIP ENABLE. Active low
This control strobe enables the read or write operation. The contents of the register
selected by A[7:0] will be output on D[7:0] when RD is low and CE is low. If WR is low
and CE is low, then the selected register will be loaded with the contents of D[7:0].
TDO
116
B6
TEST DATA OUT. Active high
TDI
117
C6
TEST DATA IN. Active high with pull-up
TMS
118
B5
TEST MODE SELECT. Active high with pull-up
TCK
119
A5
TEST CLOCK. Active high. Tie low if JTAG is not used.
TRST
121
B4
TEST RESET. Active low with pull-up
Asynchronous reset for TAP controller. Tie low or to MR if JTAG is not used.
SCAN_EN
122
A4
SCAN ENABLE. Active low with pull-up
Enables access to internal scan registers. Tie high. Used for manufacturing test only!
VSS
19,51,76,
103,120
C5,D8,F1,
J12,L2,M7
Core Ground. Quantity 5 in PQFP (6 in FBGA).
VDD
21,49,74,
85,115
A6,F11,G1,
K12,M6
Core Power, 1.8V. Quantity 5.
VSSIO
3,29,47,61,
68,83,89,
98,110
A8,B2,C10,
E10,G11,
J10,K6,M10
I/O Ground. Quantity 9 (8 in FBGA).
VDDIO
11,39,64,
79,92,107,
128
A2,A9,D10,
H12,M2,
M11
I/O Power, 3.3V. Quantity 7 (6 in FBGA).
NC
1,2,37,44,
65,66,67,
100,101,
102,123
A11,A12,
B3,B10,C3,
C9,J7,K10,
L11,L5,L3,
M1
No Connect. These pins should be left floating. Quantity 11 (12 in FBGA).
Pin Descriptions (Continued)
Signal
PQFP Pin
FBGA Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com