Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD15380F3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD15380F3
Description  CSD15380F3 20-V N-Channel FemtoFET??MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD15380F3 Datasheet(HTML) 3 Page - Texas Instruments

  CSD15380F3 Datasheet HTML 1Page - Texas Instruments CSD15380F3 Datasheet HTML 2Page - Texas Instruments CSD15380F3 Datasheet HTML 3Page - Texas Instruments CSD15380F3 Datasheet HTML 4Page - Texas Instruments CSD15380F3 Datasheet HTML 5Page - Texas Instruments CSD15380F3 Datasheet HTML 6Page - Texas Instruments CSD15380F3 Datasheet HTML 7Page - Texas Instruments CSD15380F3 Datasheet HTML 8Page - Texas Instruments CSD15380F3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
CSD15380F3
www.ti.com
SLPS579 – MAY 2016
Product Folder Links: CSD15380F3
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = 250 μA
20
V
IDSS
Drain-to-Source leakage current
VGS = 0 V, VDS = 16 V
50
nA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 10 V
25
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = 2.5 μA
0.85
1.10
1.35
V
RDS(on)
Drain-to-source on-resistance
VGS = 2.5 V, IDS = 0.1 A
2220
4000
m
Ω
VGS = 4.5 V, IDS = 0.1 A
1170
1460
m
Ω
VGS = 8 V, IDS = 0.1 A
990
1190
m
Ω
gfs
Transconductance
VDS = 2 V, IDS = 0.1 A
0.64
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 10 V,
ƒ = 1 MHz
8.1
10.5
pF
Coss
Output capacitance
5.9
7.7
pF
Crss
Reverse transfer capacitance
0.13
0.17
pF
RG
Series gate resistance
9.6
Ω
Qg
Gate charge total (4.5 V)
VDS = 10 V, IDS = 0.1 A
0.216
0.281
nC
Qgd
Gate charge gate-to-drain
0.027
nC
Qgs
Gate charge gate-to-source
0.077
nC
Qg(th)
Gate charge at Vth
0.048
nC
td(on)
Turn on delay time
VDS = 10 V, VGS = 4.5 V,
IDS = 0.1 A, RG = 0 Ω
3
ns
tr
Rise time
1
ns
td(off)
Turn off delay time
7
ns
tf
Fall time
7
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 0.1 A, VGS = 0 V
0.85
1
V
(1)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
TYPICAL VALUES
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
90
°C/W
Junction-to-ambient thermal resistance(2)
255
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com