Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD15380F3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD15380F3
Description  CSD15380F3 20-V N-Channel FemtoFET??MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD15380F3 Datasheet(HTML) 1 Page - Texas Instruments

  CSD15380F3 Datasheet HTML 1Page - Texas Instruments CSD15380F3 Datasheet HTML 2Page - Texas Instruments CSD15380F3 Datasheet HTML 3Page - Texas Instruments CSD15380F3 Datasheet HTML 4Page - Texas Instruments CSD15380F3 Datasheet HTML 5Page - Texas Instruments CSD15380F3 Datasheet HTML 6Page - Texas Instruments CSD15380F3 Datasheet HTML 7Page - Texas Instruments CSD15380F3 Datasheet HTML 8Page - Texas Instruments CSD15380F3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
0.64 mm
0.73 mm
0.35 mm
D
G
S
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD15380F3
SLPS579 – MAY 2016
CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
1
1 Features
1
•
Ultra-Low CiSS and COSS
•
Ultra-Low Qg and Qgd
•
Ultra-Small Footprint
–
0.73 mm × 0.64 mm
•
Ultra-Low Profile
–
0.35-mm Max Height
•
Integrated ESD Protection Diode
–
Rated > 4-kV HBM
–
Rated > 2-kV CDM
•
Lead and Halogen Free
•
RoHS Compliant
2 Applications
•
Optimized for Load Switch Applications
•
Optimized for General Purpose Switching
Applications
•
Battery Applications
•
Handheld and Mobile Applications
3 Description
This
20-V,
990-m
Ω,
N-Channel
FemtoFET™
MOSFET is designed and optimized to minimize the
footprint in many handheld and mobile applications.
Ultra-low capacitance improves switching speeds.
When used in data line applications, the low
capacitance
minimizes
noise
coupling.
This
technology is capable of replacing standard small
signal
MOSFETs
while
providing
a
substantial
reduction in footprint size.
Text added for spacing
Text added for spacing
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
20
V
Qg
Gate Charge Total (4.5 V)
0.216
nC
Qgd
Gate Charge Gate-to-Drain
0.027
nC
RDS(on)
Drain-to-Source
On-Resistance
VGS = 2.5 V
2220
m
Ω
VGS = 4.5 V
1170
m
Ω
VGS = 8 V
990
m
Ω
VGS(th)
Threshold Voltage
1.1
V
Ordering Information(1)
Device
Qty
Media
Package
Ship
CSD15380F3
3000
7-Inch Reel
Femto
0.73-mm × 0.64-mm
Land Grid Array (LGA)
Tape
and
Reel
CSD15380F3T
250
7-Inch Reel
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C (unless otherwise stated)
VALUE
UNIT
VDS
Drain-to-Source Voltage
20
V
VGS
Gate-to-Source Voltage
10
V
ID
Continuous Drain Current(1)
0.5
A
IDM
Pulsed Drain Current(2)
1.6
A
PD
Power Dissipation(1)
500
mW
V (ESD)
Human Body Model (HBM)
4
kV
Charged Device Model (CDM)
2
kV
TJ,
Tstg
Operating Junction and
Storage Temperature
–55 to 150
°C
(1) Typical
RθJA
=
255°C/W
on
1-in2
(6.45-cm2),
2-oz
(0.071-mm) thick Cu pad on a 0.06-in (1.52-mm) thick FR4
PCB.
(2) Pulse duration
≤ 100 μs, duty cycle ≤ 1%.
a
Typical Part Dimensions
Top View


Similar Part No. - CSD15380F3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD15380F3 TI2-CSD15380F3 Datasheet
1Mb / 15P
CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD15380F3.B TI2-CSD15380F3.B Datasheet
1Mb / 15P
CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD15380F3T TI2-CSD15380F3T Datasheet
1Mb / 15P
CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD15380F3T.B TI2-CSD15380F3T.B Datasheet
1Mb / 15P
CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
More results

Similar Description - CSD15380F3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
CSD25481F4, 20 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
CSD25483F4, 20 V P-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
20-V P-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
30-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com